Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8922B Datasheet (PDF) - NXP Semiconductors

TDA8922B Datasheet PDF - NXP Semiconductors
Part # TDA8922B
Download  TDA8922B Download
File Size   201.26 Kbytes
Page   32 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2 X 50 W class-D power amplifier

TDA8922B Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA8922B Datasheet PDF - NXP Semiconductors

Part # TDA8922B
Download  TDA8922B Click to download

File Size   201.26 Kbytes
Page   32 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2 X 50 W class-D power amplifier

TDA8922B Datasheet (HTML) - NXP Semiconductors




Similar Part No. - TDA8922B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
2 x 25 W class-D power amplifier
2003 Mar 20
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8922CJ NXP-TDA8922CJ Datasheet
239Kb / 40P
2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8922CTH NXP-TDA8922CTH Datasheet
239Kb / 40P
2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8922C PHILIPS-TDA8922C_15 Datasheet
239Kb / 40P
2X75 W class-D power amplifier
Rev. 01-7 September 2009
More results


Similar Description - TDA8922B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
2 x 50 W class-D power amplifier
1998 Dec 01
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
2 x 25 W class-D power amplifier
2003 Mar 20
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
2 x 120 W class-D power amplifier
2003 Jul 28
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950 PHILIPS-TDA8950_15 Datasheet
242Kb / 39P
2 X 150 W class-D power amplifier
Rev. 02-11 June 2009
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com