Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE6403 Datasheet (PDF) - NTE Electronics

NTE6403 Datasheet PDF - NTE Electronics
Part # NTE6403
Download  NTE6403 Download
File Size   22.09 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Silicon Bilateral Switch (SBS)

NTE6403 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE6403 Datasheet PDF - NTE Electronics

Part # NTE6403
Download  NTE6403 Click to download

File Size   22.09 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Silicon Bilateral Switch (SBS)

NTE6403 Datasheet (HTML) - NTE Electronics


NTE6403 Product details

Description:

The NTE6403 is a silicon planer, monolithic integrated circuit having the electrical characteristics of a bilateral thyristor. This device is designed to switch at 8 volts with a 0.02%/°C temperature coefficient and excellently matched characteristics in both directions. A gate lead is provided to eliminate rate effect and to obtain triggering at lower voltages. The NTE6403 is specifically designed and characterized for applications where stability of switching voltage over a wide temperature range and well matched bilateral characteristics are an asset. It is ideally suited for half wave and full wave triggering in low voltage SCR and TRIAC phase control circuits.



Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)

Peak Recurrent Forward Current (PW = 10µs, Duty Cycle = 1%, TA = +25°C) . .  . . .1A

Peak Non–Recurrent Forward Current (PW = 10µs, TA = +25°C) . . . . . . . . .. . . . . . . .5A

Power Dissipation (Note 1), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mW

DC Forward Anode Current (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . .175mA

DC Gate Current (Note 1, Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5mA

Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . .  . . . . . –55° to +125°C

Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . .. . . . . . . . . –65° to +150°C



Note 1. Derate linearly to zero at +125°C.

Note 2. This rating applicable only on OFF state. Maximum gate current in conducting state limited by maximum power rating.




Similar Part No. - NTE6403

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6400 NTE-NTE6400 Datasheet
19Kb / 2P
Unijunction Transistor
NTE6400A NTE-NTE6400A Datasheet
19Kb / 2P
Unijunction Transistor
NTE6401 NTE-NTE6401 Datasheet
20Kb / 2P
Unijunction Transistor
NTE6402 NTE-NTE6402 Datasheet
21Kb / 2P
Programmable Unijunction Transistor (PUT)
NTE6404 NTE-NTE6404 Datasheet
19Kb / 2P
Silicon Unilateral Switch (SUS)
More results


Similar Description - NTE6403

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7S66FU KEC-KIC7S66FU Datasheet
304Kb / 4P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(BILATERAL SWITCH)
KIC7SZ66FU KEC-KIC7SZ66FU Datasheet
408Kb / 4P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(BILATERAL SWITCH)
KIC7W66FK KEC-KIC7W66FK Datasheet
444Kb / 6P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DAUL BILATERAL SWITCH)
logo
List of Unclassifed Man...
2N4991 ETC-2N4991 Datasheet
10Kb / 1P
Silicon bilateral switch (SBS) in package TO-92
2N4992 ETC-2N4992 Datasheet
9Kb / 1P
Silicon bilateral switch (SBS) in package TO-92
2N4993 ETC-2N4993 Datasheet
9Kb / 1P
Silicon bilateral switch (SBS) in package TO-92
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP_07 Datasheet
283Kb / 13P
CMOS Digital Integrated Circuit Silicon Monolithic Quad Bilateral Switch
logo
Powerex Power Semicondu...
BS08D-T112 POWEREX-BS08D-T112 Datasheet
326Kb / 4P
Silicon Bilateral Switch
BS08D-112 POWEREX-BS08D-112 Datasheet
194Kb / 4P
Silicon Bilateral Switch
BS08A POWEREX-BS08A Datasheet
403Kb / 6P
Silicon Bilateral Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com