Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R6002END3 Datasheet (PDF) - Rohm

R6002END3 Datasheet PDF - Rohm
Part # R6002END3
Download  R6002END3 Download
File Size   2611.79 Kbytes
Page   16 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Nch 600V 2A Power MOSFET

R6002END3 Datasheet (PDF)

Go To PDF Page Download Datasheet
R6002END3 Datasheet PDF - Rohm

Part # R6002END3
Download  R6002END3 Click to download

File Size   2611.79 Kbytes
Page   16 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Nch 600V 2A Power MOSFET

R6002END3 Datasheet (HTML) - Rohm




Similar Part No. - R6002END3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
R6002END3 ISC-R6002END3 Datasheet
309Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - R6002END3

ManufacturerPart #DatasheetDescription
logo
Rohm
RSR020N06 ROHM-RSR020N06_12 Datasheet
594Kb / 12P
Nch 60V 2A Power MOSFET
RTQ020N05TR ROHM-RTQ020N05TR Datasheet
524Kb / 12P
Nch 45V 2A Power MOSFET
R8002ANJ ROHM-R8002ANJ Datasheet
986Kb / 14P
Nch 800V 2A Power MOSFET
RSR020N06FRA ROHM-RSR020N06FRA Datasheet
770Kb / 14P
Nch 60V 2A Power MOSFET
R6002END ROHM-R6002END Datasheet
2Mb / 14P
Nch 600V 2A Power MOSFET
RDD022N50 ROHM-RDD022N50 Datasheet
815Kb / 15P
Nch 500V 2A Power MOSFET
RDD022N60 ROHM-RDD022N60 Datasheet
1Mb / 16P
Nch 600V 2A Power MOSFET
RDD023N50 ROHM-RDD023N50 Datasheet
837Kb / 15P
Nch 500V 2A Power MOSFET
R8002ANJFRG ROHM-R8002ANJFRG Datasheet
1Mb / 14P
Nch 800V 2A Power MOSFET
R6002ENH ROHM-R6002ENH Datasheet
1Mb / 14P
Nch 600V 2A Power MOSFET
20181126 - Rev.001
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com