Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WD01-150 Datasheet (PDF) - List of Unclassifed Manufacturers

WD01-150 Datasheet PDF - List of Unclassifed Manufacturers
Part # WD01-150
Download  WD01-150 Download
File Size   87.64 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Wireless Controller Module with RF Transceiver

WD01-150 Datasheet (PDF)

Go To PDF Page Download Datasheet
WD01-150 Datasheet PDF - List of Unclassifed Manufacturers

Part # WD01-150
Download  WD01-150 Click to download

File Size   87.64 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Wireless Controller Module with RF Transceiver

WD01-150 Datasheet (HTML) - List of Unclassifed Manufacturers


WD01-150 Product details

[ORBIT COMMUNICATIONS]

General Description
The WD01 wireless controller has been designed to offer flexibility and ease of use while ensuring reliable point-to-point or multi-point data communications.

Features
• Comes complete with Plug-in RF transceiver
• 150MHz, 433MHz and 915MHz options
• RS232 Interface
• SPI Interface
• 4 x 10-bit Analog Inputs
• 8 x Programmable Digital IO
• On-board regulated power supply
• 8K, In-circuit programmable micro controller
• Over-air communications firmware preprogrammed
• Built in “Operating System”
• Data rates up to 19.2K Baud
• Provides up to 1km typical range (433MHz)

Applications
• Industrial Control and monitoring
• Security systems
• General data telemetry
• Inventory control and monitoring
• Point-to-Point or networked wireless systems
• Stand-Alone monitoring and control
• Logging
• GPS location applications
• SCADA
• HVAC




Similar Part No. - WD01-150

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WD01 WEITRON-WD01 Datasheet
411Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
WD01 WEITRON-WD01 Datasheet
266Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
WD01 WEITRON-WD01_10 Datasheet
266Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
More results


Similar Description - WD01-150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRW-24HP ETC2-TRW-24HP Datasheet
1Mb / 19P
Wireless 2.4Ghz 500mW Transceiver RF Module
TRW-909HI ETC2-TRW-909HI Datasheet
569Kb / 10P
Wireless High Power Transceiver RF Module
TRW-V8-433-P ETC2-TRW-V8-433-P Datasheet
1Mb / 13P
433MHz Wireless RF Hi Power Transceiver Module
TRW-V8-925-P ETC2-TRW-V8-925-P Datasheet
1Mb / 13P
925MHz Wireless RF Hi Power Transceiver Module
TRW-400B ETC2-TRW-400B Datasheet
886Kb / 15P
Wireless Hi Power 0.5W RF Transceiver Module
TRW-900C ETC2-TRW-900C Datasheet
520Kb / 24P
Wireless Low Cost 900MHz RF Transceiver Module
TRW-925A ETC2-TRW-925A Datasheet
545Kb / 5P
Wireless Low Power Transceiver RF Module
TRW-960S ETC2-TRW-960S Datasheet
272Kb / 4P
Wireless Low Power Transceiver RF Module
TRW-V4B-D ETC2-TRW-V4B-D Datasheet
738Kb / 8P
Wireless Low Power Transceiver RF Module
TRW-V4B-V ETC2-TRW-V4B-V Datasheet
524Kb / 6P
Wireless Voice Transceiver RF Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com