Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N2806B Datasheet (PDF) - Microsemi Corporation

1N2806B Datasheet PDF - Microsemi Corporation
Part # 1N2806B
Download  1N2806B Download
File Size   236.84 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 50 Watt Zener Diodes

1N2806B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N2806B Datasheet PDF - Microsemi Corporation

Part # 1N2806B
Download  1N2806B Click to download

File Size   236.84 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 50 Watt Zener Diodes

1N2806B Datasheet (HTML) - Microsemi Corporation


1N2806B Product details

DESCRIPTION
These high power 50 W Zener diodes represented by the JEDEC registered 1N2804 thru 1N2846B and 1N4557 thru 1N4564B series provide voltage regulation in a selection over a 3.9 V to 200 V broad range of voltages. They may be operated up to 50 W with adequate mounting and heat sinking with their low thermal resistance. These Zeners are also available in JAN, JANTX, JANTXV military qualifications. Microsemi also offers numerous other Zener products to meet higher and lower power applications.

FEATURES
• JEDEC registered 1N2804 thru 1N2846B and 1N4557 thru 1N4564B
• Internal solder bond construction
• Hermetically sealed (welded)
• Zener Voltage 3.9V to 200V.
• Also available in JAN, JANTX, and JANTXV qualifications per MIL-PRF-19500/114 by adding the JAN, JANTX, or JANTXV prefixes to part numbers for desired level of screening; (e.g. JANTX1N2804B, etc.
• Standard polarity is anode to case
• Reverse polarity with cathode to case by designating R suffix in part number, e.g. 1N2804RB, etc.
• Consult factory for surface mount equivalents

APPLICATIONS / BENEFITS
• Regulates voltage over a broad operating current and temperature range
• Standard voltage tolerances are +/- 5% with B suffix, +/-10% with an A suffix, and +/-20% with no suffix
• Consult factory for +/-2% or +/-1% with a C or D suffix respectively
• Reverse polarity available
• Nonsensitive to ESD per MIL-STD-750 Method 1020
• Inherently radiation hard as described in Microsemi MicroNote 050




Similar Part No. - 1N2806B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N2806B MICROSEMI-1N2806B Datasheet
116Kb / 2P
SILICON 50 WATT ZENER DIODES
1N2806B MICROSEMI-1N2806B Datasheet
201Kb / 6P
50 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N2806B NJSEMI-1N2806B Datasheet
171Kb / 1P
SILICON 50 WATT ZENER DIODE
More results


Similar Description - 1N2806B

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5240A NTE-NTE5240A Datasheet
31Kb / 3P
50 Watt Zener Diodes 짹5% Tolerance
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
1.5 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
1 WATT ZENER DIODES
logo
Microsemi Corporation
1N2804 MICROSEMI-1N2804 Datasheet
116Kb / 2P
SILICON 50 WATT ZENER DIODES
logo
NTE Electronics
NTE5270A NTE-NTE5270A Datasheet
31Kb / 3P
50 Watt Zener Diodes
logo
Microsemi Corporation
1N6485 MICROSEMI-1N6485 Datasheet
130Kb / 2P
1.5 WATT ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
5 Watt ZENER DIODES
logo
Microsemi Corporation
1N2804B MICROSEMI-1N2804B_10 Datasheet
201Kb / 6P
50 WATT ZENER DIODES
1N4553A MICROSEMI-1N4553A Datasheet
380Kb / 3P
50 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4549B NJSEMI-1N4549B Datasheet
80Kb / 1P
SILICON 50 WATT ZENER DIODES
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com