Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7B37 Datasheet (PDF) - Analog Devices

7B37 Datasheet PDF - Analog Devices
Part # 7B37
Download  7B37 Download
File Size   532.48 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated, Thermocouple Input

7B37 Datasheet (PDF)

Go To PDF Page Download Datasheet
7B37 Datasheet PDF - Analog Devices

Part # 7B37
Download  7B37 Click to download

File Size   532.48 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated, Thermocouple Input

7B37 Datasheet (HTML) - Analog Devices


7B37 Product details

PRODUCT OVERVIEW
The 7B Series of signal conditioners feature small size, low cost and a wide output voltage range for a variety of applications including process control and factory-floor environments. The single-channel 7B modules accept inputs from a range of transducers and are fully rated over the extended -40oC to +85oC industrial temperature range. All 7B Series modules are rated for a nominal power supply input of +24 VDC; and, for maximum flexibility, they will accept supply voltages in the +14 VDC to +35 VDC range. The input modules, with the exception of the 7B21, provide a high-level output voltage that is factory configured for either the +1 V to +5 V or 0 V to +10 V range.

FEATURES
   Interfaces, amplifies, and filters input voltages from a J, K, T,
      E, R, S, or B-type thermocouple.
   Module provides a precision output of either +1 V to +5 V or
      0 V to +10 V, linear with temperature.
   High accuracy internal cold junction compensation.
   All 7B37 series modules are mix-and-match and Hot
      Swappable.

APPLICATIONS
   Industrial signal conditioning
   Industrial signal isolation
   Industrial signal filtering




Similar Part No. - 7B37

ManufacturerPart #DatasheetDescription
logo
Analog Devices
7B37 AD-7B37_15 Datasheet
538Kb / 8P
Isolated, Thermocouple Input
REV. 0
More results


Similar Description - 7B37

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B37 AD-3B37 Datasheet
346Kb / 8P
Isolated, Thermocouple Input
7B47 AD-7B47 Datasheet
540Kb / 8P
Isolated, Linearized Thermocouple Input
5B37 AD-5B37 Datasheet
699Kb / 8P
Isolated Thermocouple Input
REV. 0
7B27 AD-7B27 Datasheet
538Kb / 8P
Isolated Thermocouple Input
REV. 0
3B37 AD-3B37_15 Datasheet
342Kb / 8P
Isolated, Thermocouple Input
REV. 0
5B37 AD-5B37_15 Datasheet
700Kb / 8P
Isolated Thermocouple Input
REV. 0
5B47 AD-5B47_15 Datasheet
699Kb / 8P
Isolated, Linearized Thermocouple Input
REV. 0
7B27 AD-7B27_15 Datasheet
539Kb / 8P
Isolated Thermocouple Input
REV. 0
7B37 AD-7B37_15 Datasheet
538Kb / 8P
Isolated, Thermocouple Input
REV. 0
logo
Advantech Co., Ltd.
ADAM-3011 ADVANTECH-ADAM-3011_15 Datasheet
213Kb / 1P
Isolated Thermocouple Input Module
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com