Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPF2193 Datasheet (PDF) - ON Semiconductor

FPF2193 Datasheet PDF - ON Semiconductor
Part # FPF2193
Download  FPF2193 Download
File Size   955.86 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Full-Function Load Switch with Adjustable Current Limit

FPF2193 Datasheet (PDF)

Go To PDF Page Download Datasheet
FPF2193 Datasheet PDF - ON Semiconductor

Part # FPF2193
Download  FPF2193 Click to download

File Size   955.86 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Full-Function Load Switch with Adjustable Current Limit

FPF2193 Datasheet (HTML) - ON Semiconductor


FPF2193 Product details

Description
The FPF2193, FPF2194, and FPF2195 form a series of load sw itches that provides full protection to systems and loads that may encounter large current conditions. These devices contain a 55 mΩ current-limited P-channel MOSFET that can operate over an input voltage range of 1.8 to 5.5 V. Internally, current is prevented from flow ing w hen the MOSFET is off and the output voltage is higher than the input voltage. Sw itch control is by a logic input (ON) capable of interfacing directly w ith low -voltage control signals. Each part contains thermal shutdow n protection that shuts off the sw itch to prevent damage to the part w hen a continuous over-current condition causes excessive heating.

Features
■ <1.8 to 5.5 V Input Voltage Range
■ Controlled Turn-On
■ 0.1 to 1.5 A Adjustable Current Limit
■ Under-Voltage Lockout
■ Thermal Shutdow n
■ <2 µA Shutdow n Current
■ Auto Restart
■ Fast Current Limit Response Time
■ 5 µs to Moderate Over Currents
■ 30 ns to Hard Shorts
■ Fault Blanking
■ Reverse Current Blocking

Applications
■ PDAs
■ Cell Phones
■ Handheld GPS Devices
■ Portable Enterprise / Industrial Devices
■ Digital Cameras
■ Peripheral Ports and Accessories
■ Portable Medical Equipment
■ Hot Sw ap Supplies




Similar Part No. - FPF2193

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2193 FAIRCHILD-FPF2193 Datasheet
529Kb / 13P
Full Function Load Switch with Adjustable Current Limit
FPF2193 FAIRCHILD-FPF2193 Datasheet
309Kb / 5P
Reliable USB Modem Design Using the Combination of an Integrated Load Switch and a Buck Converter
FPF2193 FAIRCHILD-FPF2193 Datasheet
895Kb / 14P
Full-Function Load Switch with Adjustable Current Limit
More results


Similar Description - FPF2193

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2163 FAIRCHILD-FPF2163 Datasheet
822Kb / 13P
Full Function Load Switch with Adjustable Current Limit
FPF2193 FAIRCHILD-FPF2193 Datasheet
529Kb / 13P
Full Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_07 Datasheet
811Kb / 13P
Full Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_08 Datasheet
807Kb / 13P
Full Function Load Switch with Adjustable Current Limit
FPF2165R FAIRCHILD-FPF2165R Datasheet
528Kb / 11P
Full Function Load Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
Load Switch with Adjustable Current Limit
logo
Fairchild Semiconductor
FPF2194 FAIRCHILD-FPF2194_12 Datasheet
895Kb / 14P
Full-Function Load Switch with Adjustable Current Limit
logo
Toshiba Semiconductor
TCK104G TOSHIBA-TCK104G Datasheet
336Kb / 12P
Load Switch IC with Current Limit function
logo
ON Semiconductor
FPF2165R ONSEMI-FPF2165R Datasheet
553Kb / 13P
Full Function Load Switch with Adjustable Current Limit
May 2015 Rev. 1.4
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
Precision Load Switch with Adjustable Current Limit
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com