Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA2807 Datasheet (PDF) - ON Semiconductor

KA2807 Datasheet PDF - ON Semiconductor
Part # KA2807
Download  KA2807 Download
File Size   168.51 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Ear th Leakage Detector

KA2807 Datasheet (PDF)

Go To PDF Page Download Datasheet
KA2807 Datasheet PDF - ON Semiconductor

Part # KA2807
Download  KA2807 Click to download

File Size   168.51 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Ear th Leakage Detector

KA2807 Datasheet (HTML) - ON Semiconductor


KA2807 Product details

Description
The KA2807 is a IC for ground fault circuit interrupters which are intended to provide an electrical shock hazard protection from line to ground fault currents on grounded circuits of 120V supplies.

Features
• Full Advantage of the UL943
• Built-In Voltage Regulator
• Sense Coil: 1000:1
• GND/Neutral Coil: 200:1
• Trip Time in Normal Fault and Ground Neutral Fault is 18ms Typ
• Wide Operating Temperature Range
• Excellent ESD Characteristic
• 1mA Output Current Pulse to Trigger SCR




Similar Part No. - KA2807

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA2807 FAIRCHILD-KA2807 Datasheet
47Kb / 6P
Earth Leakage Detector
KA2807D FAIRCHILD-KA2807D Datasheet
47Kb / 6P
Earth Leakage Detector
More results


Similar Description - KA2807

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA2803B FAIRCHILD-KA2803B Datasheet
147Kb / 12P
Earth Leakage Detector
KA2807 FAIRCHILD-KA2807 Datasheet
47Kb / 6P
Earth Leakage Detector
KA2803B FAIRCHILD-KA2803B_11 Datasheet
690Kb / 11P
Earth Leakage Detector
logo
Unisonic Technologies
M54134 UTC-M54134 Datasheet
222Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
logo
Extech Instruments Corp...
EMF300 EXTECH-EMF300 Datasheet
429Kb / 1P
Microwave Leakage Detector
RD300 EXTECH-RD300 Datasheet
736Kb / 1P
Refrigerant Leakage Detector
logo
ON Semiconductor
KA2803B ONSEMI-KA2803B Datasheet
1Mb / 13P
Earth Leakage Detector
January 2014 Rev. 1.0.8
logo
First Silicon Co., Ltd
CC54123P FS-CC54123P Datasheet
674Kb / 7P
Earth Leakage Detector
FA2803P FS-FA2803P Datasheet
611Kb / 7P
Earth Leakage Detector
logo
ON Semiconductor
KA2803 ONSEMI-KA2803 Datasheet
833Kb / 13P
Earth Leakage Detector
August, 2020 ??Rev. 7
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com