Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14KESD130 Datasheet (PDF) - Microsemi Corporation

14KESD130 Datasheet PDF - Microsemi Corporation
Part # 14KESD130
Download  14KESD130 Download
File Size   195.76 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description AXIAL-LEAD TVS

14KESD130 Datasheet (PDF)

Go To PDF Page Download Datasheet
14KESD130 Datasheet PDF - Microsemi Corporation

Part # 14KESD130
Download  14KESD130 Click to download

File Size   195.76 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description AXIAL-LEAD TVS

14KESD130 Datasheet (HTML) - Microsemi Corporation


14KESD130 Product details

DESCRIPTION
These small axial-leaded TVS devices feature the ability to clamp dangerous high voltage, short-term transients such as produced by directed or radiated electrostatic discharge phenomena before entering sensitive component regions of a circuit design. They are small economical transient voltage suppressors targeted primarily for short-term transients below a few microseconds while still achieving significant peak-pulse-power capability as illustrated in Figure #1.

FEATURES
• Excellent protection in clamping direct ESD level transients in excess of 40,000 V per MIL-STD-750, Method 1020 (approx. 150 ns exponential wave)
• Absorbs ESD level transients* of 14,000 Watts per MIL-STD-750, Method 1020 (approximately 150 ns exponential wave, or one microsecond transients up to 4000 watts. See Figure #1 and #2 for overall transient Peak Pulse Power.
• Clamps Transients in less than 100 picoseconds
• Working Stand-off Voltage range of 5V to 170V
• Hermetic DO-41 Package. Also available in surface mount DO-213AB MELF package (see separate data sheet)

MAXIMUM RATINGS
• 4000 Watts for One Microsecond Square Wave or 14,000 watts per ESD Wave form of MIL-STD-750, method 1020.
• See Surge Rating curve in Figures #1 and 2.
• Operating and storage temperature –65oC to 175oC
• THERMAL RESISTANCE: Less than 83oC/Watt junction to lead at 0.375 inches from body.
• DC power dissipation 1500 mW at TL = 75oC at 3/8 inch (10 mm) lead length from body.
• Derate at 22.8 W/oC above 25oC for PPP (1µs) and at 15 mW/oC above 75oC for dc power.
• Forward Surge Current 500 amps for 1µs at TL = 25oC (rise time > 100 ns).




Similar Part No. - 14KESD130

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
14KESD130 MICROSEMI-14KESD130 Datasheet
109Kb / 2P
AXIAL LEAD
14KESD130 MICROSEMI-14KESD130 Datasheet
109Kb / 2P
AXIAL LEAD
14KESD130A MICROSEMI-14KESD130A Datasheet
109Kb / 2P
AXIAL LEAD
14KESD130A MICROSEMI-14KESD130A Datasheet
109Kb / 2P
AXIAL LEAD
More results


Similar Description - 14KESD130

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1.4KESD5.0 MICROSEMI-1.4KESD5.0 Datasheet
180Kb / 4P
AXIAL-LEAD TVS
logo
Socay Electornics Co., ...
5KP5.0 SOCAY-5KP5.0 Datasheet
515Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
P4KE6.8 SOCAY-P4KE6.8 Datasheet
504Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
1.5KE6.8 SOCAY-1.5KE6.8 Datasheet
513Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
LCE6.5 SOCAY-LCE6.5 Datasheet
325Kb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
8KP24A SOCAY-8KP24A Datasheet
414Kb / 3P
Axial Lead Transient Voltage Suppressors (TVS)
logo
DONGGUAN YOU FENG WEI E...
SAC5.0 YFWDIODE-SAC5.0 Datasheet
852Kb / 3P
Axial Lead Transient Voltage Suppressors (TVS)
logo
Socay Electornics Co., ...
5KP SOCAY-5KP Datasheet
1Mb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
Revision November 8, 2019
20KPA SOCAY-20KPA Datasheet
1Mb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
December 25, 2017
30KPA SOCAY-30KPA Datasheet
1Mb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
December 25, 2017
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com