Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE1A3Q Datasheet (PDF) - NEC

CE1A3Q Datasheet PDF - NEC
Part # CE1A3Q
Download  CE1A3Q Download
File Size   125.73 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description COMPOUND TRANSISTOR

CE1A3Q Datasheet (PDF)

Go To PDF Page Download Datasheet
CE1A3Q Datasheet PDF - NEC

Part # CE1A3Q
Download  CE1A3Q Click to download

File Size   125.73 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description COMPOUND TRANSISTOR

CE1A3Q Datasheet (HTML) - NEC


CE1A3Q Product details

The CE1A3Q is a transistor of on-chip high hFE resistor incorporating dumper diode in collector to emitter and zener diode in collector to base as protect elements. This transistor is ideal for actuator drives of OA equipments and electric equipments.



FEATURES

• On-chip zener diode for surge voltage absorption

• On-chip bias resistor: R1 = 1.0 kΩ, R2 = 10 kΩ

• Low power consumption during driving: VOL = 0.12 V @VI = 5.0 V, IC = 0.5 A

• On-chip dumper diode for reverse cable




Similar Part No. - CE1A3Q

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CE1A3Q RENESAS-CE1A3Q Datasheet
338Kb / 6P
on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
April 1st, 2010
More results


Similar Description - CE1A3Q

ManufacturerPart #DatasheetDescription
logo
NEC
FB1A4M NEC-FB1A4M Datasheet
111Kb / 8P
COMPOUND TRANSISTOR
HQ1F3P NEC-HQ1F3P Datasheet
111Kb / 6P
COMPOUND TRANSISTOR
BA1A3Q NEC-BA1A3Q Datasheet
103Kb / 4P
COMPOUND TRANSISTOR
AA1L3M NEC-AA1L3M Datasheet
83Kb / 4P
COMPOUND TRANSISTOR
AA1L4Z NEC-AA1L4Z Datasheet
81Kb / 4P
COMPOUND TRANSISTOR
BN1L4Z NEC-BN1L4Z Datasheet
85Kb / 4P
COMPOUND TRANSISTOR
logo
Isahaya Electronics Cor...
RT3CLLM ISAHAYA-RT3CLLM Datasheet
141Kb / 4P
Compound Transistor
logo
Renesas Technology Corp
BA1A4Z RENESAS-BA1A4Z Datasheet
229Kb / 6P
COMPOUND TRANSISTOR
2002
BA1F4Z RENESAS-BA1F4Z Datasheet
238Kb / 6P
COMPOUND TRANSISTOR
2002
BA1L3N RENESAS-BA1L3N Datasheet
238Kb / 6P
COMPOUND TRANSISTOR
2002
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com