Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7B9945V Datasheet (PDF) - Cypress Semiconductor

CY7B9945V Datasheet PDF - Cypress Semiconductor
Part # CY7B9945V
Download  CY7B9945V Download
File Size   110.99 Kbytes
Page   10 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description High-speed Multi-phase PLL Clock Buffer

CY7B9945V Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7B9945V Datasheet PDF - Cypress Semiconductor

Part # CY7B9945V
Download  CY7B9945V Click to download

File Size   110.99 Kbytes
Page   10 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description High-speed Multi-phase PLL Clock Buffer

CY7B9945V Datasheet (HTML) - Cypress Semiconductor


CY7B9945V Product details

Functional Description
The CY7B9945V high speed multi-phase PLL clock buffer offers user selectable control over system clock functions. This multiple output clock driver provides the system integrator with functions necessary to optimize the timing of high performance computer and communication systems.

Features
■ 500 ps max Total Timing Budget™ (TTB™) window
■ 24–200 MHz input and output operation
■ Low output-output skew < 200 ps
■ 10 + 1 LVTTL outputs driving 50W terminated lines
■ Dedicated feedback output
■ Phase adjustments in 625/1300 ps steps up to +10.4 ns
■ 3.3V LVTTL/LVPECL, fault tolerant, and hot insertable reference inputs
■ Multiply or divide ratios of 1–6, 8, 10, and 12
■ Individual output bank disable
■ Output high impedance option for testing purposes
■ Integrated phase locked loop (PLL) with lock indicator
■ Low cycle-cycle jitter (<100 ps peak-peak)
■ 3.3V operation
■ Industrial temperature range: –40°C to +85°C
■ 52-pin 1.4 mm TQFP package




Similar Part No. - CY7B9945V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9945V CYPRESS-CY7B9945V Datasheet
430Kb / 15P
High Speed Multi-phase PLL Clock Buffer
CY7B9945V-2AC CYPRESS-CY7B9945V-2AC Datasheet
261Kb / 11P
High Speed Multi-phase PLL Clock Buffer
CY7B9945V-2AI CYPRESS-CY7B9945V-2AI Datasheet
261Kb / 11P
High Speed Multi-phase PLL Clock Buffer
CY7B9945V-2AIT CYPRESS-CY7B9945V-2AIT Datasheet
261Kb / 11P
High Speed Multi-phase PLL Clock Buffer
CY7B9945V-2AXC CYPRESS-CY7B9945V-2AXC Datasheet
261Kb / 11P
High Speed Multi-phase PLL Clock Buffer
More results


Similar Description - CY7B9945V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
High-Speed Multi-Phase PLL Clock Buffer
Revised July 25, 2003
CY7B9930V CYPRESS-CY7B9930V Datasheet
158Kb / 9P
High-Speed Multi-Frequency PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_07 Datasheet
261Kb / 11P
High Speed Multi-phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_06 Datasheet
296Kb / 10P
2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9973V CYPRESS-CY7B9973V Datasheet
167Kb / 8P
High-Speed Multi-Output PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_05 Datasheet
391Kb / 15P
High-speed Multi-phase PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_07 Datasheet
383Kb / 13P
2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_07 Datasheet
331Kb / 12P
2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_11 Datasheet
430Kb / 15P
High Speed Multi-phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_11 Datasheet
586Kb / 18P
High Speed Multi Phase PLL Clock Buffer
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com