Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C150 Datasheet (PDF) - Cypress Semiconductor

CY7C150 Datasheet PDF - Cypress Semiconductor
Part # CY7C150
Download  CY7C150 Download
File Size   314.12 Kbytes
Page   11 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1Kx4 Static RAM

CY7C150 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C150 Datasheet PDF - Cypress Semiconductor

Part # CY7C150
Download  CY7C150 Click to download

File Size   314.12 Kbytes
Page   11 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1Kx4 Static RAM

CY7C150 Datasheet (HTML) - Cypress Semiconductor


CY7C150 Product details

Functional Description

The CY7C150 is a high-performance CMOS static RAM designed for use in cache memory, high-speed graphics, and data-acquisition applications. The CY7C150 has a memory reset feature that allows the entire memory to be reset in two memory cycles.



Features

• Memory reset function

• 1024 x 4 static RAM for control store in high-speed com puters

• CMOS for optimum speed/power

• High speed

   — 10 ns (commercial)

   — 12 ns (military)

• Low power

   — 495 mW (commercial)

   — 550 mW (military)

• Separate inputs and outputs

• 5-volt power supply ±10% tolerance in both commercial and military

• Capable of withstanding greater than 2001V static discharge

• TTL-compatible inputs and outputs



 




Similar Part No. - CY7C150

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C150 CYPRESS-CY7C150 Datasheet
312Kb / 11P
1Kx4 Static RAM
CY7C150-10PC CYPRESS-CY7C150-10PC Datasheet
312Kb / 11P
1Kx4 Static RAM
CY7C150-10SC CYPRESS-CY7C150-10SC Datasheet
312Kb / 11P
1Kx4 Static RAM
CY7C150-12DMB CYPRESS-CY7C150-12DMB Datasheet
312Kb / 11P
1Kx4 Static RAM
CY7C150-12PC CYPRESS-CY7C150-12PC Datasheet
312Kb / 11P
1Kx4 Static RAM
More results


Similar Description - CY7C150

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X20C04 XICOR-X20C04 Datasheet
67Kb / 15P
Nonvolatile Static RAM
logo
Advanced Micro Devices
AM9128 AMD-AM9128 Datasheet
429Kb / 10P
2048x8 Static RAM
logo
Toshiba Semiconductor
TC55257DPI-70V TOSHIBA-TC55257DPI-70V Datasheet
676Kb / 13P
STATIC RAM
logo
Advanced Micro Devices
AM9044 AMD-AM9044 Datasheet
278Kb / 7P
4096x1 Static RAM
logo
Sharp Corporation
LH5168V2 SHARP-LH5168V2 Datasheet
1Mb / 18P
STATIC RAM
logo
Cypress Semiconductor
CY7C197N CYPRESS-CY7C197N Datasheet
307Kb / 7P
256Kx1 Static RAM
CY7C150 CYPRESS-CY7C150_03 Datasheet
312Kb / 11P
1Kx4 Static RAM
CY7C148 CYPRESS-CY7C148_09 Datasheet
224Kb / 9P
1Kx4 Static RAM
logo
ARTSCHIP ELECTRONICS CO...
CY62128 ARTSCHIP-CY62128 Datasheet
1Mb / 8P
Static RAM
CY62256 ARTSCHIP-CY62256 Datasheet
374Kb / 12P
Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com