Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR1P5 Datasheet (PDF) - List of Unclassifed Manufacturers

DR1P5 Datasheet PDF - List of Unclassifed Manufacturers
Part # DR1P5
Download  DR1P5 Download
File Size   175.49 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1.5 WATTS DC-DC CONVERTER

DR1P5 Datasheet (PDF)

Go To PDF Page Download Datasheet
DR1P5 Datasheet PDF - List of Unclassifed Manufacturers

Part # DR1P5
Download  DR1P5 Click to download

File Size   175.49 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1.5 WATTS DC-DC CONVERTER

DR1P5 Datasheet (HTML) - List of Unclassifed Manufacturers


DR1P5 Product details

[P-DUKE]

The DR1P5 series offer 1.5 watts of output power from a package in an IC compatible 24 pin DIP configuration without derating to 71ºC ambient temperature and pin to pin compatible to MKC03 series. DR1P5 series have input voltage of 4.5-5.5, 10.8-13.2 and 21.6-26.4VDC. DR1P5 features 500VDC of isolation voltage. A safety designed meet to EN60950-1 and UL60950-1. All models are particularly suited to telecommunications, industrial, mobile telecom and test equipment applications.

• 1.5 WATTS REGULATED OUTPUT POWER
• LOW OUTPUT RIPPLE & NOISE
• PI TYPE INPUT FILTER
• 500VDC ISOLATION VOLTAGE
• HIGH EFFICIENCY UP TO 55%
• STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE
• FIVE-SIDED EMI SHIELD




Similar Part No. - DR1P5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
Isolated and Regulated 1.5 WATT Modular DC/DC Converters
DR1P5-05D05 ASTRODYNE-DR1P5-05D05 Datasheet
278Kb / 3P
Isolated and Regulated 1.5 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
DR1P5-05D05 P-DUKE-DR1P5-05D05 Datasheet
212Kb / 3P
1.5 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
DR1P5-05D05 RSG-DR1P5-05D05 Datasheet
137Kb / 2P
All specifications are typical at nominal input, full load and 25C otherwise noted
logo
Astrodyne Corporation
DR1P5-05D05 ASTRODYNE-DR1P5-05D05 Datasheet
173Kb / 3P
Isolated and Regulated 1.5 WATT Modular DC/DC Converters
More results


Similar Description - DR1P5

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
132 Watts / 48 Watts DC-DC Converter
logo
Murata Power Solutions ...
PWR1300AC MURATA-PS-PWR1300AC Datasheet
141Kb / 4P
1.5 Watts Unregulated DC/DC Converters
logo
Power Systems GmbH+Co.K...
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
logo
AIMTEC
AM2LW-NZ AIMTEC-AM2LW-NZ Datasheet
148Kb / 3P
1.5 Watt | DC-DC Converter
AM2LW-NZ AIMTEC-AM2LW-NZ_13 Datasheet
247Kb / 3P
1.5 Watt | DC-DC Converter
logo
Power Mate Technology C...
HEC100 P-DUKE-HEC100 Datasheet
718Kb / 3P
100 WATTS DC-DC CONVERTER
logo
RSG Electronic Componen...
LCD10W RSG-LCD10W Datasheet
116Kb / 3P
10 WATTS DC-DC CONVERTER
PDL03 RSG-PDL03 Datasheet
179Kb / 3P
3 WATTS DC-DC CONVERTER
TEM03 RSG-TEM03 Datasheet
173Kb / 3P
3 WATTS DC-DC CONVERTER
logo
AIMTEC
AM2LW-NZ AIMTEC-AM2LW-NZ_16 Datasheet
149Kb / 3P
1.5 Watt | DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com