Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1038PI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1038PI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1038PI
Download  AOZ1038PI Download
File Size   1224.1 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck 6 A Synchronous Buck Regulator

AOZ1038PI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1038PI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1038PI
Download  AOZ1038PI Click to download

File Size   1224.1 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck 6 A Synchronous Buck Regulator

AOZ1038PI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ1038PI Product details

General Description
The AOZ1038 is a high efficiency, easy to use, 6 A synchronous buck regulator. The AOZ1038 works from a 4.5 V to 18 V input voltage range and provides up to 6 A of continuous output current with an output voltage adjustable down to 0.8 V.
The AOZ1038 is available in a 5x6 DFN-8 package or an exposed pad SO-8 package. Both are rated over a -40 °C to +85 °C ambient temperature range.

Features
● 4.5 V to 18 V operating input voltage range
● Synchronous Buck: 55 mΩ internal high-side switch
   and 12 mΩ Internal low-side switch
● High efficiency: up to 95 %
● Internal soft start
● Active high power good state
● Output voltage adjustable to 0.8 V
● 6 A continuous output current
● Fixed 450 kHz PWM operation
● Cycle-by-cycle current limit
● Pre-bias start-up
● Short-circuit protection
● Thermal shutdown
● Thermally enhanced 5x6 DFN-8 and exposed pad
   SO-8 packages

Applications
● Point of load DC/DC converters
● LCD TV
● Set top boxes
● DVD / Blu-ray players/recorders
● Cable modems
● PCIe graphics cards




Similar Part No. - AOZ1038PI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1038 AOSMD-AOZ1038 Datasheet
544Kb / 14P
EZBuck??6 A Synchronous Buck Regulator
AOZ1038DI-1 AOSMD-AOZ1038DI-1 Datasheet
627Kb / 13P
EZBuck??6 A Synchronous Buck Regulator
More results


Similar Description - AOZ1038PI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1038 AOSMD-AOZ1038 Datasheet
544Kb / 14P
EZBuck??6 A Synchronous Buck Regulator
AOZ1038DI-1 AOSMD-AOZ1038DI-1 Datasheet
627Kb / 13P
EZBuck??6 A Synchronous Buck Regulator
AOZ1039DI AOSMD-AOZ1039DI Datasheet
626Kb / 13P
EZBuck??8 A Synchronous Buck Regulator
AOZ1050PI AOSMD-AOZ1050PI Datasheet
607Kb / 14P
EZBuck??2 A Synchronous Buck Regulator
AOZ1051PI AOSMD-AOZ1051PI Datasheet
635Kb / 14P
EZBuck??3 A Synchronous Buck Regulator
AOZ3011PI AOSMD-AOZ3011PI Datasheet
815Kb / 14P
EZBuck??3 A Synchronous Buck Regulator
AOZ3017 AOSMD-AOZ3017 Datasheet
789Kb / 14P
EZBuck??4 A Synchronous Buck Regulator
AOZ3015PI AOSMD-AOZ3015PI Datasheet
567Kb / 13P
EZBuck??3 A Synchronous Buck Regulator
AOZ3046PI AOSMD-AOZ3046PI Datasheet
716Kb / 14P
EZBuck 4 A Synchronous Buck Regulator
AOZ3048PI AOSMD-AOZ3048PI Datasheet
1Mb / 14P
EZBuck 5 A Synchronous Buck Regulator
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com