Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCOCXOVS Datasheet (PDF) - Golledge Electronics Ltd

SCOCXOVS Datasheet PDF - Golledge Electronics Ltd
Part # SCOCXOVS
Download  SCOCXOVS Download
File Size   556.46 Kbytes
Page   5 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 5V Tight Stability OCXO with Sine Output

SCOCXOVS Datasheet (PDF)

Go To PDF Page Download Datasheet
SCOCXOVS Datasheet PDF - Golledge Electronics Ltd

Part # SCOCXOVS
Download  SCOCXOVS Click to download

File Size   556.46 Kbytes
Page   5 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 5V Tight Stability OCXO with Sine Output

SCOCXOVS Datasheet (HTML) - Golledge Electronics Ltd




Similar Part No. - SCOCXOVS

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
SCOCXOVS GOLLEDGE-SCOCXOVS Datasheet
149Kb / 2P
5V OCXO Sine Output Tight Stability
SCOCXOVS-AR1 GOLLEDGE-SCOCXOVS-AR1 Datasheet
149Kb / 2P
5V OCXO Sine Output Tight Stability
logo
MICORO CRYSTAL SWITZERL...
SCOCXOVS-AR110MHZ MICROCRYSTAL-SCOCXOVS-AR110MHZ Datasheet
328Kb / 3P
Sine Wave Output 10 to 54 MHz Tight stability
SCOCXOVS-AR112.8MHZ MICROCRYSTAL-SCOCXOVS-AR112.8MHZ Datasheet
328Kb / 3P
Sine Wave Output 10 to 54 MHz Tight stability
SCOCXOVS-AR112MHZ MICROCRYSTAL-SCOCXOVS-AR112MHZ Datasheet
328Kb / 3P
Sine Wave Output 10 to 54 MHz Tight stability
More results


Similar Description - SCOCXOVS

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
SCOCXOVS GOLLEDGE-SCOCXOVS Datasheet
149Kb / 2P
5V OCXO Sine Output Tight Stability
SCOCXOWS GOLLEDGE-SCOCXOWS Datasheet
149Kb / 2P
3.3V OCXO Sine Output Tight Stability
SCOCXOVS GOLLEDGE-SCOCXOVS_15 Datasheet
149Kb / 2P
5V OCXO Sine Output Tight Stability
SCOCXOWS GOLLEDGE-SCOCXOWS_16 Datasheet
142Kb / 2P
3.3V OCXO Sine Output Tight Stability
HCD350 GOLLEDGE-HCD350_18 Datasheet
559Kb / 4P
5V Tight Stability OCXO with Sine Output
HCD351 GOLLEDGE-HCD351_18 Datasheet
556Kb / 4P
5V Tight Stability OCXO with CMOS/TTL Output
HCD360 GOLLEDGE-HCD360_18 Datasheet
556Kb / 4P
12V Tight Stability OCXO with Sine Output
HCD370 GOLLEDGE-HCD370_18 Datasheet
550Kb / 4P
12V Tight Stability OCXO with Sine Output and Low Profile
SCOCXOWS GOLLEDGE-SCOCXOWS_18 Datasheet
556Kb / 5P
3.3V OCXO Sine Output Tight Stability
SCOCXOVT GOLLEDGE-SCOCXOVT_18 Datasheet
556Kb / 5P
5V Tight Stability OCXO with CMOS Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com