Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74VCX16244 Datasheet (PDF) - Pericom Semiconductor Corporation

PI74VCX16244 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI74VCX16244
Download  PI74VCX16244 Download
File Size   189.91 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 16-Bit Buffer/Driver with 3-State Outputs

PI74VCX16244 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI74VCX16244 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI74VCX16244
Download  PI74VCX16244 Click to download

File Size   189.91 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 16-Bit Buffer/Driver with 3-State Outputs

PI74VCX16244 Datasheet (HTML) - Pericom Semiconductor Corporation


PI74VCX16244 Product details

Description

Pericom Semiconductor’s PI74VCX16244 buffer/driver is designed specifically to improve both the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters.



Features

• The PI74VCX Family is designed for low voltage operation, CD = 1.8V to 3.6V

• 3.6V Tolerant Inputs and Outputs

• Supports Live Insertion

• Balanced Drive, ±24mA

• Uses patented Noise Reduction Circuitry

• Typical VOLP (Output Ground Bounce) <0.6V at VDD = 2.5V, TA = 25ºC

• Typical VOHV (Output VOH Undershoot) < -0.6V at VDD = 2.5V, TA = 25ºC

• Power-Off high impedance inputs and outputs

• Industrial operation at –40°C to +85°C

• Packaging (Pb-free & Green available):

   – 48-pin 240-mil wide plastic TSSOP (A)



 




Similar Part No. - PI74VCX16244

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74VCX16245 PERICOM-PI74VCX16245 Datasheet
199Kb / 7P
2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
More results


Similar Description - PI74VCX16244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ16244A TI-SN74LVCZ16244A Datasheet
96Kb / 7P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC16244 HITACHI-HD74ALVC16244 Datasheet
51Kb / 11P
16-bit Buffer / Driver with 3-state Outputs
logo
Texas Instruments
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_06 Datasheet
463Kb / 16P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALB16244 TI-SN74ALB16244_08 Datasheet
360Kb / 13P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_09 Datasheet
640Kb / 20P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A-Q1 TI1-SN74LVC16244A-Q1 Datasheet
125Kb / 8P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16240 TI1-SN74ALVCH16240_14 Datasheet
521Kb / 15P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com