Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-SP-S Datasheet (PDF) - PHOENIX CONTACT

PLC-SP-S Datasheet PDF - PHOENIX CONTACT
Part # PLC-SP-S
Download  PLC-SP-S Download
File Size   105.6 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Just 6.2 mm wide

PLC-SP-S Datasheet (PDF)

Go To PDF Page Download Datasheet
PLC-SP-S Datasheet PDF - PHOENIX CONTACT

Part # PLC-SP-S
Download  PLC-SP-S Click to download

File Size   105.6 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Just 6.2 mm wide

PLC-SP-S Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - PLC-SP-S

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-SC-EIK1-SVN24P PHOENIX-PLC-SC-EIK1-SVN24P Datasheet
89Kb / 5P
Connection option for PLC-V8 adapter
More results


Similar Description - PLC-SP-S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N821 MICROSEMI-1N821 Datasheet
238Kb / 3P
6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated
logo
Panasonic Semiconductor
EVQ-P4MB3K PANASONIC-EVQ-P4MB3K Datasheet
98Kb / 3P
6.2 mm2.5 mm Side-operational Edge Mount
EVQ-P4KB3Q PANASONIC-EVQ-P4KB3Q Datasheet
98Kb / 3P
6.2 mm2.5 mm Side-operational Edge Mount
logo
PHOENIX CONTACT
PLC-2RPT-24DC PHOENIX-PLC-2RPT-24DC Datasheet
78Kb / 4P
Two switching channels in one 6.2 mm housing
PLC-BPT-TTL PHOENIX-PLC-BPT-TTL Datasheet
122Kb / 10P
6.2 mm narrow design width
PLC-2RSC-24DC PHOENIX-PLC-2RSC-24DC Datasheet
78Kb / 4P
Two switching channels in one 6.2 mm housing
2905350 PHOENIX-2905350 Datasheet
91Kb / 5P
Extremely narrow design, just 12 mm per position
2905351 PHOENIX-2905351 Datasheet
95Kb / 6P
Extremely narrow design, just 12 mm per position
2713638 PHOENIX-2713638 Datasheet
138Kb / 12P
Available in overall widths from 6.2 mm to 90 mm, modular extension is possible
2869388 PHOENIX-2869388 Datasheet
57Kb / 3P
Available in overall widths from 6.2 mm to 90 mm, modular extension is possible
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com