Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2520 Datasheet (PDF) - International Rectifier

IR2520 Datasheet PDF - International Rectifier
Part # IR2520
Download  IR2520 Download
File Size   335.08 Kbytes
Page   17 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description ADAPTIVE BALLAST CONTROL IC

IR2520 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR2520 Datasheet PDF - International Rectifier

Part # IR2520
Download  IR2520 Click to download

File Size   335.08 Kbytes
Page   17 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description ADAPTIVE BALLAST CONTROL IC

IR2520 Datasheet (HTML) - International Rectifier


IR2520 Product details

Description

The IR2520D(S) is a complete adaptive ballast controller and 600V half-bridge driver integrated into a single IC for fluorescent lighting applications. The IC includes adaptive zero-voltage switching (ZVS), internal crest factor over-current protection, as well as an integrated bootstrap FET. The heart of this IC is a voltage controlled oscillator with externally programmable minimum frequency. All of the necessary ballast features are integrated in a small 8-pin DIP or SOIC package.



Features

• 600V Half Bridge Driver

• Integrated Bootstrap FET

• Adaptive zero-voltage switching (ZVS)

• Internal Crest Factor Over-Current Protection

• 0 to 6VDC Voltage Controlled Oscillator

• Programmable minimum frequency

• Micropower Startup Current (80uA)

• Internal 15.6V zener clamp on Vcc

• Small DIP8/SO8 Package

• Also available LEAD-FREE (PbF)



 




Similar Part No. - IR2520

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2520D IRF-IR2520D Datasheet
340Kb / 17P
ADAPTIVE BALLAST CONTROL IC
IR2520DSTRPBF IRF-IR2520DSTRPBF Datasheet
346Kb / 17P
ADAPTIVE BALLAST CONTROL IC
IR2520D IRF-IR2520D_15 Datasheet
340Kb / 17P
ADAPTIVE BALLAST CONTROL IC
More results


Similar Description - IR2520

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
Ballast Control IC
logo
Samsung semiconductor
KA7531 SAMSUNG-KA7531 Datasheet
870Kb / 21P
BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711 Datasheet
1Mb / 23P
Ballast Control IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
Ballast Control IC
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
BALLAST CONTROL IC
logo
International Rectifier
IR2520DSTRPBF IRF-IR2520DSTRPBF Datasheet
346Kb / 17P
ADAPTIVE BALLAST CONTROL IC
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
BALLAST CONTROL IC
IR2156PBF IRF-IR2156PBF_15 Datasheet
783Kb / 21P
BALLAST CONTROL IC
IR2520D IRF-IR2520D_15 Datasheet
340Kb / 17P
ADAPTIVE BALLAST CONTROL IC
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com