Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5629 Datasheet (PDF) - Microsemi Corporation

1N5629 Datasheet PDF - Microsemi Corporation
Part # 1N5629
Download  1N5629 Download
File Size   204.24 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR

1N5629 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5629 Datasheet PDF - Microsemi Corporation

Part # 1N5629
Download  1N5629 Click to download

File Size   204.24 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR

1N5629 Datasheet (HTML) - Microsemi Corporation


1N5629 Product details

DESCRIPTION
This popular Transient Voltage Suppressor (TVS) series for 1N5629 thru 1N5665A are JEDEC registered selections for unidirectional devices. All have the same high Peak Pulse Power rating of 1500 W with extremely fast response times. They are also available in military qualified selections as described in the Features section herein. They are most often used for protecting against transients from inductive switching environments, induced RF effects, or induced secondary lightning effects as found in lower surge levels of IEC61000-4-5. They are also very successful in protecting airborne avionics and electrical systems. Since their response time is virtually instantaneous, they can also protect from ESD and EFT per IEC61000-4-2 and IEC61000-4-4.

FEATURES
• Unidirectional TVS series for thru-hole mounting
• Suppresses transients up to 1500 watts @ 10/1000 µs
   (see Figure 1)
• Clamps transient in less than 100 pico seconds
• Working voltage (VWM) range 5 V to 171 V
• Hermetic sealed DO-13 metal package
• JAN/TX/TXV military qualifications also available for
   the tighter tolerance “A” suffix devices per MIL-PRF-
   19500/500 by adding the JAN, JANTX, or JANTXV
   prefix, e.g. JANTXV1N5629A, etc.
• For bidirectional TVS in the same DO-13 package,
   see separate data sheet for the 1N6036 – 1N6072A
   series (also military qualified)
• Surface mount equivalent packages also available as
   SMCJ5.0 - SMCJ170CA or SMCG5.0 – SMCG170CA
   in separate data sheet (consult factory for other
   surface mount options)
• Plastic axial-leaded equivalents available in the
   1N6267 – 1N6303A series in separate data sheet

APPLICATIONS / BENEFITS
• Protection from switching transients and induced RF
• ESD & EFT protection per IEC 61000-4-2 and -4-4
• Secondary lightning protection per IEC61000-4-5 with
   42 Ohms source impedance:
      Class 1: 1N5629 to 1N5665A
      Class 2: 1N5629 to 1N5663A
      Class 3: 1N5629 to 1N5655A
      Class 4: 1N5629 to 1N5648A
• Secondary lightning protection per IEC61000-4-5 with
   12 Ohms source impedance:
      Class 1 : 1N5629 to 1N5658A
      Class 2: 1N5629 to 1N5651A
      Class 3: 1N5629 to 1N5643A
      Class 4: 1N5629 to 1N5636A
• Secondary lightning protection per IEC61000-4-5 with
   2 Ohms source impedance:
      Class 2: 1N5629 to 1N5642A
      Class 3: 1N5629 to 1N5635A
• Inherently radiation hard per Microsemi MicroNote 050




Similar Part No. - 1N5629

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5629 MICROSEMI-1N5629 Datasheet
115Kb / 2P
TRANSIENT ABSORPTION ZENER
logo
Littelfuse
1N5629 LITTELFUSE-1N5629 Datasheet
201Kb / 4P
Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
logo
New Jersey Semi-Conduct...
1N5629 NJSEMI-1N5629 Datasheet
324Kb / 2P
20 STERN AVE. SPRINGFIELD, NEW JERSEY 07081
logo
Digitron Semiconductors
1N5629 DIGITRON-1N5629 Datasheet
506Kb / 4P
TRANSIENT ABSORPTION ZENER
logo
New Jersey Semi-Conduct...
1N5629 NJSEMI-1N5629 Datasheet
256Kb / 2P
Silicon Avalanche Diodes
More results


Similar Description - 1N5629

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5555 MICROSEMI-1N5555 Datasheet
190Kb / 3P
1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
JAN1N6042A MICROSEMI-JAN1N6042A Datasheet
202Kb / 4P
1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
SMCJ170CA MICROSEMI-SMCJ170CA Datasheet
584Kb / 4P
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Fairchild Semiconductor
SMBJ12A822 FAIRCHILD-SMBJ12A822 Datasheet
67Kb / 2P
600 Watt Unidirectional Transient Voltage Suppressor
SMBJ12A933 FAIRCHILD-SMBJ12A933 Datasheet
83Kb / 2P
600 Watt Unidirectional Transient Voltage Suppressor
logo
Microsemi Corporation
1N5908 MICROSEMI-1N5908 Datasheet
224Kb / 3P
1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
LC6.5 MICROSEMI-LC6.5_08 Datasheet
196Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
1N5555 DIGITRON-1N5555 Datasheet
127Kb / 2P
1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC6.5 NJSEMI-LC6.5 Datasheet
175Kb / 3P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
MLCE6.5 MICROSEMI-MLCE6.5 Datasheet
380Kb / 5P
1500 Watt Low Capacitance Transient Voltage Suppressor
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com