Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6023 Datasheet (PDF) - Maxim Integrated Products

MAX6023 Datasheet PDF - Maxim Integrated Products
Part # MAX6023
Download  MAX6023 Download
File Size   279.1 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, Low-Power, Low-Dropout, UCSP Voltage Reference

MAX6023 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6023 Datasheet PDF - Maxim Integrated Products

Part # MAX6023
Download  MAX6023 Click to download

File Size   279.1 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, Low-Power, Low-Dropout, UCSP Voltage Reference

MAX6023 Datasheet (HTML) - Maxim Integrated Products


MAX6023 Product details

General Description
The MAX6023 is a family of low-dropout, micropower voltage references in a 5-bump, chip-scale package (UCSP™). The MAX6023 series-mode (three-terminal) references, which operate with input voltages from 2.5V to 12.6V (1.25V and 2.048V options) or (VOUT + 0.2V) to 12.6V (all other voltage options), are available with output voltage options of 1.25V, 2.048V, 2.5V, 3.0V, 4.096V, 4.5V, and 5.0V. These devices are guaranteed an initial accuracy of ±0.2% and 30ppm/°C temperature drift over the -40°C to +85°C extended temperature range.
UCSPs offer the benefit of moving to smaller footprint and lower profile devices, significantly smaller than even SC70 or SOT23 plastic surface-mount packages. The significantly lower profile (compared to plastic SMD packages) of the UCSP makes the device ideal for height-critical applications. Miniature UCSP packages also enable device placement close to sources and allow more flexibility in a complex or large design layout.

Features
♦ 5-Bump UCSP Package (1.0mm ✕ 1.5mm ✕ 0.3mm)
♦ No Output Capacitor Needed
♦ ±0.2% (max) Initial Accuracy
♦ 30ppm/°C (max) Temperature Coefficient
♦ 35µA (max) Quiescent Supply Current
♦ 0.8µA/V (max) Supply Current Variation with VIN
♦ 100mV Dropout at 500µA Load Current
♦ Line Regulation: 160µV/V (max)
♦ Output Voltage Options: 1.25V, 2.048V, 2.5V, 3.0V,
   4.096V, 4.5V, 5.0V

Applications
   Hand-Held Equipment
   Data Acquisition Systems
   Industrial and Process Control Systems
   Battery-Operated Equipment
   Hard-Disk Drives




Similar Part No. - MAX6023

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6023EBT MAXIM-MAX6023EBT Datasheet
95Kb / 8P
CHIP SCALE DEVICES
Rev. A July 17, 2003
More results


Similar Description - MAX6023

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
Precision Micropower Low Dropout Voltage Reference
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
Precision Micropower Low Dropout Voltage Reference
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
Precision Micropower Low Dropout Voltage Reference
logo
Touchstone Semiconducto...
TSM6025 TOUCHSTONE-TSM6025 Datasheet
656Kb / 9P
A 2.5V, Low-Power/Low-Dropout Precision Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
Precision Micropower Low Dropout Voltage Reference
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
Precision Micropower Low Dropout Voltage Reference
LM4132 TI1-LM4132 Datasheet
1Mb / 41P
Precision Low Dropout Voltage Reference
logo
Silicon Laboratories
TSM6025 SILABS-TSM6025 Datasheet
1Mb / 10P
A 2.5V, Low-Power/Low-Dropout Precision Voltage Reference
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com