Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPF2895C Datasheet (PDF) - ON Semiconductor

FPF2895C Datasheet PDF - ON Semiconductor
Part # FPF2895C
Download  FPF2895C Download
File Size   430.06 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 28 V / 5 A Rated Current Limit Switch

FPF2895C Datasheet (PDF)

Go To PDF Page Download Datasheet
FPF2895C Datasheet PDF - ON Semiconductor

Part # FPF2895C
Download  FPF2895C Click to download

File Size   430.06 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 28 V / 5 A Rated Current Limit Switch

FPF2895C Datasheet (HTML) - ON Semiconductor




Similar Part No. - FPF2895C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FPF2895 ONSEMI-FPF2895 Datasheet
338Kb / 13P
28 V / 5 A Rated Current Limit Switch
October 2016 Rev 1.15
FPF2895UCX ONSEMI-FPF2895UCX Datasheet
338Kb / 13P
28 V / 5 A Rated Current Limit Switch
October 2016 Rev 1.15
More results


Similar Description - FPF2895C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32419 VISHAY-SIP32419 Datasheet
580Kb / 14P
28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
24-Oct-16
SIP32430 VISHAY-SIP32430 Datasheet
1,014Kb / 16P
28 V, 99 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
15-Jun-15
SIP32429 VISHAY-SIP32429 Datasheet
580Kb / 14P
28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
24-Oct-16
logo
Monolithic Power System...
MP5013A MPS-MP5013A Datasheet
494Kb / 14P
5 V, 5 A Programmable Current-Limit Switch with Over-Voltage Clamp and Slew-Rate Control in TSOT23-8
logo
ON Semiconductor
FPF2895 ONSEMI-FPF2895 Datasheet
338Kb / 13P
28 V / 5 A Rated Current Limit Switch
October 2016 Rev 1.15
logo
Weidmuller
2716690000 WEIDMULLER-2716690000 Datasheet
146Kb / 4P
Rated current : via current transformer 1 A/5 A
November 4, 2021
logo
Vishay Siliconix
SIP32430 VISHAY-SIP32430_V01 Datasheet
1Mb / 17P
28 V, 99 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
06-Jul-2020
logo
ON Semiconductor
FPF2495C ONSEMI-FPF2495C Datasheet
521Kb / 10P
IntelliMAX 28 V, Over-Voltage, Over-Current Protection Load Switch with Adjustable Current-Limit Control
November, 2021 ??Rev. 1
logo
Texas Instruments
TPS22950-Q1 TI-TPS22950-Q1 Datasheet
1Mb / 25P
TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
SEPTEMBER 2022
TPS22950-Q1 TI-TPS22950-Q1_V01 Datasheet
914Kb / 25P
TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
REVISED DECEMBER 2022
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com