Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B3251W Datasheet (PDF) - Pericom Semiconductor Corporation

PI3B3251W Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3B3251W
Download  PI3B3251W Download
File Size   50.74 Kbytes
Page   3 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V 8:1 MUX /DEMUX BUS SWITCH

PI3B3251W Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3B3251W Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3B3251W
Download  PI3B3251W Click to download

File Size   50.74 Kbytes
Page   3 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V 8:1 MUX /DEMUX BUS SWITCH

PI3B3251W Datasheet (HTML) - Pericom Semiconductor Corporation


PI3B3251W Product details

Product Description
Pericom Semiconductor’s PI3B series of logic circuits are produced using the Company’s advanced sub micron CMOS technology, achieving industry leading performance.
The PI3B3251 is a 3.3V Dual 8:1 Multiplexer/demultiplexer with threestate outputs that is pinout compatible with the PI74FCT251T, 74F251, and 74ALS/AS/LS 251. Inputs can be connected to outputs with low on resistance (5 Ohm) with no additional ground bounce noise or propagation delay.

Product Features
• Near zero propagation delay
• 5 Ohm switches connect inputs to outputs
• Ultra Low Quiescent Power (0.1µA Typical)
    – Ideally suited for notebook applications
• Pin compatible with 74 series 251 logic devices
• Packages available:
    – 16-pin 150 mil wide plastic QSOP (Q)
    – 16-pin 150 mil wide plastic SOIC (W)
    – 16-pin 173 mil wide plastic TSSOP (L)




Similar Part No. - PI3B3251W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3251LE PERICOM-PI3B3251LE Datasheet
342Kb / 5P
3.3V, 8:1 Mux/DeMux NanoSwitch
PI3B3251QE PERICOM-PI3B3251QE Datasheet
342Kb / 5P
3.3V, 8:1 Mux/DeMux NanoSwitch
PI3B3251 PERICOM-PI3B3251_09 Datasheet
342Kb / 5P
3.3V, 8:1 Mux/DeMux NanoSwitch
More results


Similar Description - PI3B3251W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
3.3V, Quad 2:1 Mux/Demux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
2:1 Mux/Demux Bus Switch
PI5C3309 PERICOM-PI5C3309 Datasheet
52Kb / 3P
3:1 Mux/Demux Bus Switch
logo
Integrated Device Techn...
IDTQS3VH251 IDT-IDTQS3VH251 Datasheet
73Kb / 8P
QUICKSWITCH PRODUCTS 2.5V / 3.3V 8:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
ON Semiconductor
7SB3257 ONSEMI-7SB3257 Datasheet
112Kb / 12P
Mux / Demux Bus Switch
September, 2014 ??Rev. 4
NL7SB3257 ONSEMI-NL7SB3257 Datasheet
62Kb / 5P
Mux / Demux Bus Switch
July, 2014 ??Rev. P0
logo
Pericom Semiconductor C...
PI3B3251 PERICOM-PI3B3251_09 Datasheet
342Kb / 5P
3.3V, 8:1 Mux/DeMux NanoSwitch
PI5C3309 PERICOM-PI5C3309_12 Datasheet
564Kb / 4P
3:1 Mux/DeMux Bus Switch
logo
Renesas Technology Corp
IDTQS3VH251 RENESAS-IDTQS3VH251 Datasheet
449Kb / 9P
QUICKSWITCH PRODUCTS 2.5V / 3.3V 8:1 MUX / DEMUX HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com