Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDSP-511X Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HDSP-511X Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HDSP-511X
Download  HDSP-511X Download
File Size   78.55 Kbytes
Page   9 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 14.22 mm (0.56 inch) General Purpose Seven-Segment Display

HDSP-511X Datasheet (PDF)

Go To PDF Page Download Datasheet
HDSP-511X Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-511X
Download  HDSP-511X Click to download

File Size   78.55 Kbytes
Page   9 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 14.22 mm (0.56 inch) General Purpose Seven-Segment Display

HDSP-511X Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HDSP-511X Product details

Description
This 14.22 mm (0.56 inch) LED seven-segment display uses industry standard size package and pinout. The device is available in either common anode or common cathode. The choice of colors includes High Efficiency Red (HER), Green, AlGaAs Red, and Yellow. The displays are suitable for indoor use.

Features
• Industry standard size
• Industry standard pinout
    14.22 mm (0.56 inch)
    DIP lead on 2.54 mm
• Choice of colors
    High Efficiency Red (HER), Green, AlGaAs Red, and Yellow
• Excellent appearance
    Evenly lighted segments package gives optimum contrast
    ± 50° viewing angle
• Design flexibility
    Common anode or common cathode Single digit
    Right hand decimal point
• Categorized for luminous intensity
    Green and yellow categorized for color

Applications
• Suitable for indoor use
• Not recommended for industrial application i.e., operating temperature requirements exceeding +85˚C or below –25˚C [1]
• Extreme temperature cycling not recommended




Similar Part No. - HDSP-511X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-511X HP-HDSP-511X Datasheet
353Kb / 10P
14.22 mm (0.56 inch) General Purpose Seven-Segment Display
More results


Similar Description - HDSP-511X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-521A HP-HDSP-521A Datasheet
336Kb / 6P
14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
HDSP-331X HP-HDSP-331X Datasheet
88Kb / 14P
7.62 mm (0.3 inch) General Purpose Seven-Segment Display
HDSP-511X HP-HDSP-511X Datasheet
353Kb / 10P
14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
Lite-On Technology Corp...
LTS-6680E LITEON-LTS-6680E Datasheet
127Kb / 5P
0.56 inch (14.22 mm) digit height single digit seven-segment display.
logo
Agilent(Hewlett-Packard...
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-521A AVAGO-HDSP-521A Datasheet
55Kb / 6P
14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
HDSP-513E AVAGO-HDSP-513E Datasheet
78Kb / 9P
14.22 mm (0.56 inch) General Purpose Seven-Segment Display
HDSP-331E AVAGO-HDSP-331E_12 Datasheet
82Kb / 12P
7.62 mm (0.3 inch) General Purpose Seven-Segment Display
HDSP-50XB AVAGO-HDSP-50XB Datasheet
195Kb / 4P
14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
Broadcom Corporation.
HDSP-521A BOARDCOM-HDSP-521A Datasheet
131Kb / 6P
14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com