Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3699A Datasheet (PDF) - STMicroelectronics

STG3699A Datasheet PDF - STMicroelectronics
Part # STG3699A
Download  STG3699A Download
File Size   525.42 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE 0.5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE

STG3699A Datasheet (PDF)

Go To PDF Page Download Datasheet
STG3699A Datasheet PDF - STMicroelectronics

Part # STG3699A
Download  STG3699A Click to download

File Size   525.42 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE 0.5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE

STG3699A Datasheet (HTML) - STMicroelectronics


STG3699A Product details

DESCRIPTION
The STG3699A is a high-speed CMOS low voltage quad analog S.P.D.T. (Single PoleDual Throw) switch or 2:1 Multiplexer/Demultiplexer Switch fabricated in silicon gate C2MOS technology. It is designed to operate from 1.65V to 4.3V, making this device ideal for portable applications.

■ HIGH SPEED:
   tPD = 1.5ns (TYP.) at VCC = 3.0V
   tPD = 1.5ns (TYP.) at VCC = 2.3V
■ ULTRA LOW POWER DISSIPATION:
   ICC = 0.2µA (MAX.) at TA = 85°C
■ LOW "ON" RESISTANCE VIN=0V:
   RON = 0.5Ω (MAX. TA = 25°C) at VCC = 2.7V
   RON = 0.7Ω (MAX. TA = 25°C) at VCC = 2.3V
   RON = 1.5Ω (MAX. TA = 25°C) at VCC = 1.8V
■ WIDE OPERATING VOLTAGE RANGE:
   VCC (OPR) = 1.65V to 4.3V SINGLE SUPPLY
■ 4.3V TOLERANT AND 1.8V COMPATIBLE THRESHOLD ON DIGITAL CONTROL INPUT at VCC = 2.3 to 3.0V
■ LATCH-UP PERFORMANCE EXCEEDS 300mA (JESD 17)




Similar Part No. - STG3699A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3699A STMICROELECTRONICS-STG3699A Datasheet
523Kb / 14P
LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK-BEFORE-MAKE FEATURE
21-Dec-2005
STG3699AQTR STMICROELECTRONICS-STG3699AQTR Datasheet
523Kb / 14P
LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK-BEFORE-MAKE FEATURE
21-Dec-2005
STG3699AUTR STMICROELECTRONICS-STG3699AUTR Datasheet
523Kb / 14P
LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK-BEFORE-MAKE FEATURE
21-Dec-2005
STG3699A STMICROELECTRONICS-STG3699A_06 Datasheet
523Kb / 14P
LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK-BEFORE-MAKE FEATURE
21-Dec-2005
More results


Similar Description - STG3699A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
LOW VOLTAGE 0.5ΩMAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
14-May-2004
STG3690 STMICROELECTRONICS-STG3690 Datasheet
171Kb / 11P
LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Jan-2004
STG3684 STMICROELECTRONICS-STG3684 Datasheet
256Kb / 11P
LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
18-May-2004
STG3685 STMICROELECTRONICS-STG3685 Datasheet
498Kb / 10P
LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH, SINGLE ENABLE WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3699B STMICROELECTRONICS-STG3699B Datasheet
264Kb / 19P
Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
17-Feb-2006
STG3690 STMICROELECTRONICS-STG3690_05 Datasheet
523Kb / 12P
LOW VOLTAGE 5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3699 STMICROELECTRONICS-STG3699_05 Datasheet
371Kb / 12P
LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3699A STMICROELECTRONICS-STG3699A_06 Datasheet
523Kb / 14P
LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK-BEFORE-MAKE FEATURE
21-Dec-2005
STG3699B STMICROELECTRONICS-STG3699B_07 Datasheet
259Kb / 18P
Low voltage 0.5 廓 max, quad SPDT switch with break-before-make feature
04-Sep-2007
STG3684 STMICROELECTRONICS-STG3684_05 Datasheet
562Kb / 11P
LOW VOLTAGE 0.5Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com