Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICROFOX-SC Datasheet (PDF) - PHOENIX CONTACT

MICROFOX-SC Datasheet PDF - PHOENIX CONTACT
Part # MICROFOX-SC
Download  MICROFOX-SC Download
File Size   48.41 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Diagonal cutter for Cu wire up to 1.5 mm diameter

MICROFOX-SC Datasheet (PDF)

Go To PDF Page Download Datasheet
MICROFOX-SC Datasheet PDF - PHOENIX CONTACT

Part # MICROFOX-SC
Download  MICROFOX-SC Click to download

File Size   48.41 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Diagonal cutter for Cu wire up to 1.5 mm diameter

MICROFOX-SC Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - MICROFOX-SC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
MICROFOX-S-ESD PHOENIX-MICROFOX-S-ESD Datasheet
49Kb / 2P
Opening spring for uniform, smooth opening
MICROFOX-S-ESD-DB PHOENIX-MICROFOX-S-ESD-DB Datasheet
46Kb / 2P
Opening spring for uniform, smooth opening
MICROFOX-SB PHOENIX-MICROFOX-SB Datasheet
49Kb / 2P
Mirror-polished and oiled metal surfaces, which provide maximum rust protection
MICROFOX-SB-DB PHOENIX-MICROFOX-SB-DB Datasheet
43Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
MICROFOX-SP PHOENIX-MICROFOX-SP Datasheet
49Kb / 2P
Electronic diagonal cutter, tapered head, angled (21째), without chamfer, with opening spring
More results


Similar Description - MICROFOX-SC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CUTFOX-12 PHOENIX-CUTFOX-12 Datasheet
49Kb / 2P
Cable cutter, for copper and aluminum up to 12 mm diameter (up to 35 mm짼)
CUTFOX-SE PHOENIX-CUTFOX-SE Datasheet
42Kb / 2P
Diagonal cutter, angled design, size: 180 mm
1205862 PHOENIX-1205862 Datasheet
48Kb / 2P
Diagonal cutter - MICROFOX SC
1212487 PHOENIX-1212487 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-SP-1
1212488 PHOENIX-1212488 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-SP
1212489 PHOENIX-1212489 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-SB
1212494 PHOENIX-1212494 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-E
1212805 PHOENIX-1212805 Datasheet
43Kb / 2P
Diagonal cutter - MICROFOX-SB_DB
1212806 PHOENIX-1212806 Datasheet
43Kb / 2P
Diagonal cutter - MICROFOX-SP_DB
1212832 PHOENIX-1212832 Datasheet
42Kb / 2P
Diagonal cutter - CUTFOX-SE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com