Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSF-7221S20B Datasheet (PDF) - Golledge Electronics Ltd

GSF-7221S20B Datasheet PDF - Golledge Electronics Ltd
Part # GSF-7221S20B
Download  GSF-7221S20B Download
File Size   592.94 Kbytes
Page   5 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 21.4MHz 4 pole crystal filter with 20.0kHz 3dB bandwidth

GSF-7221S20B Datasheet (PDF)

Go To PDF Page Download Datasheet
GSF-7221S20B Datasheet PDF - Golledge Electronics Ltd

Part # GSF-7221S20B
Download  GSF-7221S20B Click to download

File Size   592.94 Kbytes
Page   5 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 21.4MHz 4 pole crystal filter with 20.0kHz 3dB bandwidth

GSF-7221S20B Datasheet (HTML) - Golledge Electronics Ltd


GSF-7221S20B Product details

Features

➠ Frequencies up to 70.0MHz available

➠ Custom specifications available

➠ Miniature SM package



 




Similar Part No. - GSF-7221S20B

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSF-7221S20B GOLLEDGE-GSF-7221S20B Datasheet
55Kb / 1P
SM Monolithic Filter
More results


Similar Description - GSF-7221S20B

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GMCF-2121G20D GOLLEDGE-GMCF-2121G20D Datasheet
540Kb / 3P
21.4MHz 8 pole crystal filter with 20.0kHz 3dB bandwidth
GMCF-2121G20C GOLLEDGE-GMCF-2121G20C Datasheet
540Kb / 3P
21.4MHz 6 pole crystal filter with 20.0kHz 3dB bandwidth
GMCF-2121G20B GOLLEDGE-GMCF-2121G20B Datasheet
638Kb / 6P
21.4MHz 4 pole crystal filter with 20.0kHz 3dB bandwidth
GMCF-2121G20A GOLLEDGE-GMCF-2121G20A Datasheet
566Kb / 4P
21.4MHz 2 pole crystal filter with 20.0kHz 3dB bandwidth
GSF-6121S20A GOLLEDGE-GSF-6121S20A Datasheet
561Kb / 4P
21.4MHz 2 pole crystal filter with 20.0kHz 3dB bandwidth
GSF-6121S20B GOLLEDGE-GSF-6121S20B Datasheet
576Kb / 4P
21.4MHz 4 pole crystal filter with 20.0kHz 3dB bandwidth
GSF-7121S20A GOLLEDGE-GSF-7121S20A Datasheet
557Kb / 4P
21.4MHz 2 pole crystal filter with 20.0kHz 3dB bandwidth
GSF-7121S20B GOLLEDGE-GSF-7121S20B Datasheet
571Kb / 4P
21.4MHz 4 pole crystal filter with 20.0kHz 3dB bandwidth
GMCF-HF70G20B GOLLEDGE-GMCF-HF70G20B Datasheet
639Kb / 6P
70MHz 4 pole crystal filter with 20.0kHz 3dB bandwidth
GSF-7221S20A GOLLEDGE-GSF-7221S20A Datasheet
577Kb / 4P
21.4MHz 2 pole crystal filter with 20.0kHz 3dB bandwidth
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com