Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KLLU Datasheet (PDF) - Littelfuse

KLLU Datasheet PDF - Littelfuse
Part # KLLU
Download  KLLU Download
File Size   435.55 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 600 VAC

KLLU Datasheet (PDF)

Go To PDF Page Download Datasheet
KLLU Datasheet PDF - Littelfuse

Part # KLLU
Download  KLLU Click to download

File Size   435.55 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 600 VAC

KLLU Datasheet (HTML) - Littelfuse




Similar Part No. - KLLU

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KLLU LITTELFUSE-KLLU Datasheet
193Kb / 3P
General Purpose Fuses
KLLU1000 LITTELFUSE-KLLU1000 Datasheet
193Kb / 3P
General Purpose Fuses
KLLU1200 LITTELFUSE-KLLU1200 Datasheet
193Kb / 3P
General Purpose Fuses
KLLU1350 LITTELFUSE-KLLU1350 Datasheet
193Kb / 3P
General Purpose Fuses
KLLU1400 LITTELFUSE-KLLU1400 Datasheet
193Kb / 3P
General Purpose Fuses
More results


Similar Description - KLLU

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
ST48A25-22 TELEDYNE-ST48A25-22 Datasheet
130Kb / 4P
Single Output to 75A 600 Vac
logo
Littelfuse
CCMR LITTELFUSE-CCMR_17 Datasheet
670Kb / 7P
600 Vac
JLS LITTELFUSE-JLS_17 Datasheet
330Kb / 3P
600 VAC ??Fast-Acting ??1-600 A
JTD LITTELFUSE-JTD_16 Datasheet
438Kb / 3P
600 Vac
KLDR LITTELFUSE-KLDR_16 Datasheet
363Kb / 7P
600 Vac
KLK LITTELFUSE-KLK_15 Datasheet
398Kb / 3P
600 Vac/500 Vdc
KLKD LITTELFUSE-KLKD_17 Datasheet
623Kb / 7P
600 Vac/dc
KLKR LITTELFUSE-KLKR_18 Datasheet
208Kb / 2P
600 VAC
KLNR LITTELFUSE-KLNR_14 Datasheet
374Kb / 2P
250/600 Vac
KLPC LITTELFUSE-KLPC_12 Datasheet
460Kb / 2P
600 VAC
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com