Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1664 Datasheet (PDF) - TRANSYS Electronics Limited

2SA1664 Datasheet PDF - TRANSYS Electronics Limited
Part # 2SA1664
Download  2SA1664 Download
File Size   63.79 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description SOT-89 Plastic-Encapsulated Transistors

2SA1664 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1664 Datasheet PDF - TRANSYS Electronics Limited

Part # 2SA1664
Download  2SA1664 Click to download

File Size   63.79 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description SOT-89 Plastic-Encapsulated Transistors

2SA1664 Datasheet (HTML) - TRANSYS Electronics Limited


2SA1664 Product details

TRANSISTOR (PNP)

FEATURES
    Power dissipation PCM : 0.5 W (Tamb=25℃)
    Collector current ICM : -0.8 A
    Collector-base voltage V(BR)CBO : -35 V
    Operating and storage junction temperature range TJ, Tstg: -55℃ to +150℃




Similar Part No. - 2SA1664

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1664 KEXIN-2SA1664 Datasheet
50Kb / 1P
PNP Transistor
logo
Shenzhen Jin Yu Semicon...
2SA1664 HTSEMI-2SA1664 Datasheet
189Kb / 1P
TRANSISTOR(PNP)
logo
SHENZHEN YONGERJIA INDU...
2SA1664 WINNERJOIN-2SA1664 Datasheet
134Kb / 1P
TRANSISTOR (PNP)
logo
GUANGDONG HOTTECH INDUS...
2SA1664 HOTTECH-2SA1664 Datasheet
140Kb / 1P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SA1664 BILIN-2SA1664 Datasheet
135Kb / 3P
Plastic-Encapsulated Transistor
Rev.A
More results


Similar Description - 2SA1664

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6_1 Datasheet
118Kb / 2P
SOT-89 Plastic-Encapsulate Transistors (SOT-89)
logo
WILLAS ELECTRONIC CORP
2SA1201 WILLAS-2SA1201 Datasheet
351Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
2SB766 WILLAS-2SB766 Datasheet
338Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
2SB1188 WILLAS-2SB1188 Datasheet
531Kb / 3P
SOT-89 Plastic-Encapsulate Transistors
2SC1766 WILLAS-2SC1766 Datasheet
362Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
2SD1898 WILLAS-2SD1898 Datasheet
268Kb / 3P
SOT-89 Plastic-Encapsulate Transistors
B772 WILLAS-B772 Datasheet
353Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
BC869 WILLAS-BC869 Datasheet
427Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
logo
Shenzhen Tuofeng Semico...
B772 TUOFENG-B772 Datasheet
3Mb / 2P
SOT-89 Plastic-Encapsulate Transistors
D882 TUOFENG-D882 Datasheet
3Mb / 2P
SOT-89 Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com