Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA06842 Datasheet (PDF) - Golledge Electronics Ltd

MA06842 Datasheet PDF - Golledge Electronics Ltd
Part # MA06842
Download  MA06842 Download
File Size   176.88 Kbytes
Page   6 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description SAW Filter 140.0MHz

MA06842 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA06842 Datasheet PDF - Golledge Electronics Ltd

Part # MA06842
Download  MA06842 Click to download

File Size   176.88 Kbytes
Page   6 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description SAW Filter 140.0MHz

MA06842 Datasheet (HTML) - Golledge Electronics Ltd


MA06842 Product details

MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. Operating Temperature: -40°C to 85°C
3. Storage Temperature: -40°C to 85°C




Similar Part No. - MA06842

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA06843 GOLLEDGE-MA06843 Datasheet
138Kb / 3P
SAW Filter: 70.0MHz
More results


Similar Description - MA06842

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
821-IF140.0M-D OSCILENT-821-IF140.0M-D Datasheet
230Kb / 2P
140.0MHz IF SAW Filter
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MA05919 GOLLEDGE-MA05919 Datasheet
78Kb / 3P
140.0MHz SAW Filter
MA06078 GOLLEDGE-MA06078 Datasheet
122Kb / 4P
140.0MHz SAW Filter
MP08431 GOLLEDGE-MP08431 Datasheet
304Kb / 7P
SAW Filter Low Loss 140.0MHz
MA09815 GOLLEDGE-MA09815 Datasheet
57Kb / 4P
140.0MHz SAW Filter
MP01651 GOLLEDGE-MP01651 Datasheet
131Kb / 7P
SAW Filter 140.0MHz
MP05745 GOLLEDGE-MP05745 Datasheet
266Kb / 7P
SAW Filter 140.0MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com