Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE7097 Datasheet (PDF) - NTE Electronics

NTE7097 Datasheet PDF - NTE Electronics
Part # NTE7097
Download  NTE7097 Download
File Size   25.47 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit

NTE7097 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE7097 Datasheet PDF - NTE Electronics

Part # NTE7097
Download  NTE7097 Click to download

File Size   25.47 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit

NTE7097 Datasheet (HTML) - NTE Electronics


NTE7097 Product details

Description:

The NTE7096 and NTE7097 are integrated circuits in 8–Lead DIP type packages that incorporate a new precision temperature–controlled oscillator with an internally trimmed discharge current to minimize variations in frequency. A precision duty–cycle clamp eliminates any need for an external oscillator when at, or near, a 50% duty–cycle condition. Duty–cycles greater than 50% are also possible. Special logic ensures that Vref is stabilized before the output stage is enabled. Ion–implant resistors provide tighter control of under–voltage lockout.



Features:

Optimized for Off–Line Control

Internally Trimmed Temperature Compensated Oscillator

Maximum Duty–Cycle Clamp

Vref Stabilized before Output Stage is Enabled

Low Start–Up Current

Pulse–by Pulse Current Limiting

Improved U/V Lockout

Double Pulse Suppression

1% Trimmed Bandgap Reference

High Current Totem Pole Output



Absolute Maximum Ratings:

Supply Voltage (ICC < 30mA) . . . . . . . .  . . . . . . .Self Limiting

Supply Voltage (Low Impedence Source) . . . . . . . .  . . . .30V

Output Current . . . . . . . . . . . . . . . . . . . . . .. . . . . . . . . . . . . . ±1A

Output Energy (Capacitive Load)  . . . . . . . . . . . .  . . . . . . . 5µJ

Analog Inputs (Pin2, Pin3)  . . . . . . . . . .  . . . . . . . –0.3V to VCC

Error Amp Output Sink Current  . . . . . . . . . . . .. . . . . . . .10mA




Similar Part No. - NTE7097

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE709 NTE-NTE709 Datasheet
24Kb / 3P
Integrated Circuit TV/FM Sound IF Amplifier
NTE7090 NTE-NTE7090 Datasheet
20Kb / 2P
Variable Output Voltage Regulator (Dual Tracking Type)
NTE7091 NTE-NTE7091 Datasheet
21Kb / 2P
Integrated Circuit Dual, Bi-Directional Motor Driver
NTE7092 NTE-NTE7092 Datasheet
24Kb / 3P
Integrated Circuit Hybrid Voltage Regulator
NTE7093 NTE-NTE7093 Datasheet
24Kb / 3P
Integrated Circuit Hybrid Voltage Regulator
More results


Similar Description - NTE7097

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1720 NTE-NTE1720 Datasheet
26Kb / 4P
Integrated Circuit Pulse Width Modulator (PWM) Regulator
NTE1721 NTE-NTE1721 Datasheet
31Kb / 4P
Integrated Circuit Pulse Width Modulator (PWM) Regulator
NTE1722 NTE-NTE1722 Datasheet
31Kb / 4P
Integrated Circuit Pulse Width Modulator (PWM) Control Circuit
NTE1729 NTE-NTE1729 Datasheet
30Kb / 4P
Integrated Circuit Pulse Width Modulator (PWM) Control Circuit
NTE1753 NTE-NTE1753 Datasheet
36Kb / 4P
Integrated Circuit Pulse Width Modulator (PWM) Control Circuit
NTE7098 NTE-NTE7098 Datasheet
25Kb / 3P
Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
logo
ON Semiconductor
SG3525A ONSEMI-SG3525A_05 Datasheet
145Kb / 10P
Pulse Width Modulator Control Circuit
January, 2005 ??Rev. 5
logo
Texas Instruments
TL1454CPW TI1-TL1454CPW Datasheet
384Kb / 25P
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454A TI1-TL1454A_14 Datasheet
894Kb / 25P
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
logo
ON Semiconductor
SG3525A ONSEMI-SG3525A_09 Datasheet
146Kb / 10P
Pulse Width Modulator Control Circuit
January, 2005 ??Rev. 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com