Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AY2 Datasheet (PDF) - Vishay Siliconix

AY2 Datasheet PDF - Vishay Siliconix
Part # AY2_18
Download  AY2 Download
File Size   355.34 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC

AY2 Datasheet (PDF)

Go To PDF Page Download Datasheet
AY2 Datasheet PDF - Vishay Siliconix

Part # AY2_18
Download  AY2 Click to download

File Size   355.34 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC

AY2 Datasheet (HTML) - Vishay Siliconix


AY2 Product details

• AEC-Q200 qualified
• Withstands 85 / 85 / 1000 h test
• Can pass 3000 temperature cycles
(from -55 °C to +125 °C)
• Complying with IEC 60384-14 4th edition
• High reliability
• Vertical (inline) kinked or straight leads
• Singlelayer AC disc safety capacitors
• PPAP (AIAG version) is available




Similar Part No. - AY2_18

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AY231501 PANASONIC-AY231501 Datasheet
3Mb / 20P
The New Standard of Ultra-compact PLCs
2011.08
AY231502 PANASONIC-AY231502 Datasheet
3Mb / 20P
The New Standard of Ultra-compact PLCs
2011.08
AY231511 PANASONIC-AY231511 Datasheet
3Mb / 20P
The New Standard of Ultra-compact PLCs
2011.08
AY231512 PANASONIC-AY231512 Datasheet
3Mb / 20P
The New Standard of Ultra-compact PLCs
2011.08
More results


Similar Description - AY2_18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WKO VISHAY-WKO Datasheet
138Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
05-Apr-13
VY2222M35Y5US63V0 VISHAY-VY2222M35Y5US63V0 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
08-Mar-12
VY2472M49Y5US63V7 VISHAY-VY2472M49Y5US63V7 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
08-Mar-12
WKO222MCPCRAKR VISHAY-WKO222MCPCRAKR Datasheet
138Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
05-Apr-13
VY2222M35Y5UG63V7 VISHAY-VY2222M35Y5UG63V7 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
08-Mar-12
VY2471K29Y5SS63V7 VISHAY-VY2471K29Y5SS63V7 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
08-Mar-12
VY2332M41Y5US6TV5 VISHAY-VY2332M41Y5US6TV5 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
08-Mar-12
VY2222M35Y5US63V7 VISHAY-VY2222M35Y5US63V7 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
08-Mar-12
AY2 VISHAY-AY2 Datasheet
365Kb / 13P
Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
06-Oct-16
VKO VISHAY-VKO Datasheet
138Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
22-Mar-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com