Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1772SX2 Datasheet (PDF) - Vishay Siliconix

F1772SX2 Datasheet PDF - Vishay Siliconix
Part # F1772SX2
Download  F1772SX2 Download
File Size   147.97 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Interference Suppression Film Capacitor - Class X2 Radial MKT - 310 VAC - Series Impedance - 85 °C / 85 % RH

F1772SX2 Datasheet (PDF)

Go To PDF Page Download Datasheet
F1772SX2 Datasheet PDF - Vishay Siliconix

Part # F1772SX2
Download  F1772SX2 Click to download

File Size   147.97 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Interference Suppression Film Capacitor - Class X2 Radial MKT - 310 VAC - Series Impedance - 85 °C / 85 % RH

F1772SX2 Datasheet (HTML) - Vishay Siliconix


F1772SX2 Product details

• Stable capacitance in severe ambient
conditions 85 °C; 85 % RH, 240 VAC, 1000 h
• 15 mm to 27.5 mm lead pitch




Similar Part No. - F1772SX2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1772-2 VISHAY-F1772-2 Datasheet
129Kb / 12P
Interference Suppression Film Capacitors MKT Radial Potted Type
13-Jan-12
F1772-2000 VISHAY-F1772-2000 Datasheet
79Kb / 4P
AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
11-Jun-07
F1772-2000 VISHAY-F1772-2000 Datasheet
68Kb / 2P
AC-Capacitors, Suppression Capacitors
17-Sep-02
F1772-2000 VISHAY-F1772-2000_08 Datasheet
79Kb / 4P
AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
11-Jun-07
F1772-2200 VISHAY-F1772-2200 Datasheet
96Kb / 4P
AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
11-Jun-07
More results


Similar Description - F1772SX2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
Interference Suppression Film Capacitors MKT Radial Potted Type
17-Apr-13
F17724152030 VISHAY-F17724152030 Datasheet
129Kb / 12P
Interference Suppression Film Capacitors MKT Radial Potted Type
13-Jan-12
F17725102000 VISHAY-F17725102000 Datasheet
129Kb / 12P
Interference Suppression Film Capacitors MKT Radial Potted Type
13-Jan-12
F17103101900 VISHAY-F17103101900 Datasheet
77Kb / 4P
Interference Suppression Film Capacitors MKT Radial Potted Type
28-Sep-12
F1778410K2FCB0 VISHAY-F1778410K2FCB0 Datasheet
165Kb / 13P
Interference Suppression Film Capacitor - Class X2 Radial MKP 310 VAC - Standard Across the Line
13-Dec-13
F17723102030 VISHAY-F17723102030 Datasheet
136Kb / 12P
Interference Suppression Film Capacitor - Class X2 Radial MKT 310 VAC - High Stability Grade
15-Apr-14
MKP1847HAC VISHAY-MKP1847HAC Datasheet
243Kb / 14P
THB AC Filtering Metalized Polypropylene Film Capacitor Radial Type 85 °C / 85 % RH 1000 h at UNAC
16-Mar-17
F340X2 VISHAY-F340X2 Datasheet
181Kb / 12P
THB Grade IIIB Class X2 Interference Suppression Film Capacitor Radial MKP 305 VAC - Across the Line
11-Oct-2019
F339X2 VISHAY-F339X2 Datasheet
178Kb / 14P
THB Grade IIB Class X2 Interference Suppression Film Capacitor Radial MKP 305 VAC - Across the Line
14-Aug-2019
F1773X2 VISHAY-F1773X2 Datasheet
141Kb / 12P
Interference Suppression Film Capacitor - Class X2 Axial MKT 253 VAC - Continuous Across the Line
27-Jan-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com