Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT161CT Datasheet (PDF) - Integrated Device Technology

IDT74FCT161CT Datasheet PDF - Integrated Device Technology
Part # IDT74FCT161CT
Download  IDT74FCT161CT Download
File Size   70.0 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTER

IDT74FCT161CT Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT161CT Datasheet PDF - Integrated Device Technology

Part # IDT74FCT161CT
Download  IDT74FCT161CT Click to download

File Size   70.0 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTER

IDT74FCT161CT Datasheet (HTML) - Integrated Device Technology


IDT74FCT161CT Product details

DESCRIPTION:
The IDT54/74FCT161T/163T, IDT54/74FCT161AT/ 163AT and IDT54/74FCT161CT/163CT are high-speed synchronous modulo-16 binary counters built using an advanced dual metal CMOS technology.

FEATURES:
• Std., A and C speed grades
• Low input and output leakage ≤1µA (max.)
• CMOS power levels
• True TTL input and output compatibility
    – VOH = 3.3V (typ.)
    – VOL = 0.3V (typ.)
• High drive outputs (-15mA IOH, 48mA IOL)
• Meets or exceeds JEDEC standard 18 specifications
• Product available in Radiation Tolerant and Radiation Enhanced versions
• Military product compliant to MIL-STD-883, Class B and DESC listed (dual marked)
• Available in DIP, SOIC, QSOP, CERPACK and LCC packages




Similar Part No. - IDT74FCT161CT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT161CT IDT-IDT74FCT161CT Datasheet
94Kb / 7P
FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTERS
More results


Similar Description - IDT74FCT161CT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161 Datasheet
192Kb / 15P
Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
Synchronous Presettable Binary Counter
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
Synchronous Presettable Binary Counter
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
Synchronous Presettable Binary counter
logo
Integrated Device Techn...
IDT54FCT163T IDT-IDT54FCT163T Datasheet
160Kb / 7P
FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTER
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161_15 Datasheet
115Kb / 12P
Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com