Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6668 Datasheet (PDF) - STMicroelectronics

L6668 Datasheet PDF - STMicroelectronics
Part # L6668
Download  L6668 Download
File Size   671.11 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SMART PRIMARY CONTROLLER

L6668 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6668 Datasheet PDF - STMicroelectronics

Part # L6668
Download  L6668 Click to download

File Size   671.11 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SMART PRIMARY CONTROLLER

L6668 Datasheet (HTML) - STMicroelectronics


L6668 Product details

Description

L6668 is a current-mode primary controller IC, designed to build single-ended converters.

The IC drives the system at fixed frequency at heavy load and an improved Standby function causes a smooth frequency reduction as the load is progressively reduced. At very light load the device enters a special operating mode (burst-mode with fixed, externally programmed peak current) that, in addition to the on-board high-voltage start-up and the very low quiescent current, helps keep low the consumption from the mains and be compliant with energy saving regulations. To allow meeting compliance with these standards in power-factor-corrected systems too, an interface with the PFC controller is provided that enables to turn off the pre-regulator when the load level falls below a threshold.



General Features

■ MULTIPOWER BCD TECHNOLOGY

■ LOAD-DEPENDENT CURRENT-MODE CONTROL: FIXED-FREQUENCY (HEAVY LOAD), FREQUENCY FOLDBACK (LIGHT LOAD), BURST-MODE (NO-LOAD)

■ ON-BOARD HIGH-VOLTAGE START-UP

■ IMPROVED STANDBY FUNCTION

■ LOW QUIESCENT CURRENT (< 2 mA)

■ SLOPE COMPENSATION

■ PULSE-BY-PULSE & HICCUP-MODE OCP

■ INTERFACE WITH PFC CONTROLLER

■ DISABLE FUNCTION (ON/OFF CONTROL)

■ LATCHED DISABLE FOR OVP/OTP FUNCTION

■ PROGRAMMABLE SOFT-START

■ 2% PRECISION REFERENCE VOLTAGE EXTERNALLY AVAILABLE

■ ±800 mA TOTEM POLE GATE DRIVER WITH INTERNAL CLAMP AND UVLO PULL-DOWN

■ BLUE ANGEL, ENERGY STAR, EU CODE OF CONDUCT COMPLIANT

■ SO16 PACKAGE ECOPACK®



APPLICATIONS

■ HI-END AC-DC ADAPTERS/CHARGERS FOR NOTEBOOKS.

■ LCD/CRT MONITORS, LCD/CRT TV

■ DIGITAL CONSUMER



 




Similar Part No. - L6668

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6668 STMICROELECTRONICS-L6668 Datasheet
717Kb / 23P
SMART PRIMARY CONTROLLER
13-Jan-2006
L6668 STMICROELECTRONICS-L6668_06 Datasheet
717Kb / 23P
SMART PRIMARY CONTROLLER
13-Jan-2006
More results


Similar Description - L6668

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4990 STMICROELECTRONICS-L4990 Datasheet
322Kb / 24P
PRIMARY CONTROLLER
Jul-1999
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
Primary Side PWM Controller
logo
STMicroelectronics
TSM006 STMICROELECTRONICS-TSM006 Datasheet
179Kb / 13P
Primary PWM Controller
logo
Texas Instruments
UCC1809-1 TI-UCC1809-1 Datasheet
162Kb / 11P
Economy Primary Side Controller
logo
STMicroelectronics
TSM007 STMICROELECTRONICS-TSM007 Datasheet
131Kb / 12P
Primary PWM Controller
Jun-2004
L5991 STMICROELECTRONICS-L5991 Datasheet
427Kb / 19P
PRIMARY CONTROLLER WITH STANDBY
Aug-1999
L6668 STMICROELECTRONICS-L6668_06 Datasheet
717Kb / 23P
SMART PRIMARY CONTROLLER
13-Jan-2006
logo
Infineon Technologies A...
TLE8386EL INFINEON-TLE8386EL Datasheet
1Mb / 26P
Smart Boost Controller
Rev. 1.0, 2009-11-30
logo
Pericom Semiconductor C...
PT8A3514A PERICOM-PT8A3514A Datasheet
279Kb / 8P
Smart Iron Controller
logo
Texas Instruments
UCC1809-1 TI1-UCC1809-1_16 Datasheet
1Mb / 23P
Economy Primary Side Controller
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com