Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4831 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N4831 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N4831
Download  1N4831 Download
File Size   51.76 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description ZENER DIODES 1.2 WATTS POWER DISSIPATION DOUBLE ANODE CLIPPER

1N4831 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4831 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N4831
Download  1N4831 Click to download

File Size   51.76 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description ZENER DIODES 1.2 WATTS POWER DISSIPATION DOUBLE ANODE CLIPPER

1N4831 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


1N4831 Product details

ZENER DIODES 1.2 WATTS POWER DISSIPATION DOUBLE ANODE CLIPPER




Similar Part No. - 1N4831

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N483 MICROSEMI-1N483 Datasheet
57Kb / 1P
High Conductance DO-35 Diodes
logo
List of Unclassifed Man...
1N483 ETC1-1N483 Datasheet
266Kb / 6P
silicon diode
logo
Microsemi Corporation
1N4830 MICROSEMI-1N4830 Datasheet
82Kb / 2P
AXIAL LEAD DIODES
logo
New Jersey Semi-Conduct...
1N4830 NJSEMI-1N4830 Datasheet
118Kb / 1P
FORWARD REGULATOR (Multu-pellet) DIODES
logo
Digitron Semiconductors
1N4830 DIGITRON-1N4830 Datasheet
118Kb / 2P
STABISTORS TIGHT TOLERANCE
More results


Similar Description - 1N4831

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N2804 NJSEMI-1N2804 Datasheet
227Kb / 2P
50 WATTS ZENER DIODES
1N6036 NJSEMI-1N6036 Datasheet
147Kb / 2P
1500 WATTS PEAK POWER DISSIPATION
logo
GOOD-ARK Electronics
1N5221 GOOD-ARK-1N5221_15 Datasheet
115Kb / 3P
Zener Diodes Zener Voltage Range: 2.4 to 200 Volts Power Dissipation: 500mW
1N4728 GOOD-ARK-1N4728_15 Datasheet
93Kb / 3P
Zener Diodes VZ Range: 3.3 to 100 Volts Power Dissipation: 1.0W
1N957 GOOD-ARK-1N957_15 Datasheet
59Kb / 2P
Zener Diodes Nominal Zener Voltage 6.8 to 91 Volts Power Dissipation 500mW
logo
Vishay Siliconix
PLZ VISHAY-PLZ Datasheet
163Kb / 9P
Zener Diodes Permitting 500 mW Power Dissipation
29-Nov-16
logo
New Jersey Semi-Conduct...
1N5913A NJSEMI-1N5913A Datasheet
93Kb / 1P
1.5 WATTS ZENER DIODES
logo
Shanghai Leiditech Elec...
DL47XXA LEIDITECH-DL47XXA Datasheet
688Kb / 4P
Surface mount zener diodes zener voltag 3.3-100V 1.0Watt Power Dissipation
logo
Vishay Siliconix
PLZ VISHAY-PLZ_V01 Datasheet
188Kb / 9P
Zener Diodes Permitting 500 mW Power Dissipation
01-Jan-2022
logo
RFE international
AZ23C2V7 RFE-AZ23C2V7 Datasheet
1Mb / 4P
Zener Diodes (Dual, Common Anode)
DEC-5-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com