Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDD95-22N1B Datasheet (PDF) - IXYS Corporation

MDD95-22N1B Datasheet PDF - IXYS Corporation
Part # MDD95-22N1B
Download  MDD95-22N1B Download
File Size   417.84 Kbytes
Page   6 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Standard Rectifier Module

MDD95-22N1B Datasheet (PDF)

Go To PDF Page Download Datasheet
MDD95-22N1B Datasheet PDF - IXYS Corporation

Part # MDD95-22N1B
Download  MDD95-22N1B Click to download

File Size   417.84 Kbytes
Page   6 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Standard Rectifier Module

MDD95-22N1B Datasheet (HTML) - IXYS Corporation


MDD95-22N1B Product details

IFRMS = 2x 180 A
IFAVM = 2x 120 A
VRRM = 800-2200 V

Features
● International standard package
   JEDEC TO-240 AA
● Direct copper bonded Al2O3 -ceramic 
   base plate
● Planar passivated chips
● Isolation voltage 3600 V~
● UL registered, E 72873

Applications
● Supplies for DC power equipment
● DC supply for PWM inverter
● Field supply for DC motors
● Battery DC power supplies

Advantages
● Space and weight savings
● Simple mounting
● Improved temperature and power
   cycling
● Reduced protection circuits




Similar Part No. - MDD95-22N1B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MDD95-22N1B IXYS-MDD95-22N1B Datasheet
123Kb / 3P
Diode Modules
More results


Similar Description - MDD95-22N1B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUO52-16NO1 IXYS-VUO52-16NO1 Datasheet
154Kb / 5P
Standard Rectifier Module
MDMA35P1600TG IXYS-MDMA35P1600TG Datasheet
272Kb / 5P
Standard Rectifier Module
MDD26-12N1B IXYS-MDD26-12N1B Datasheet
448Kb / 6P
Standard Rectifier Module
MDD72-12N1B IXYS-MDD72-12N1B Datasheet
408Kb / 6P
Standard Rectifier Module
MDD72-16N1B IXYS-MDD72-16N1B Datasheet
408Kb / 6P
Standard Rectifier Module
MDD95-12N1B IXYS-MDD95-12N1B Datasheet
418Kb / 6P
Standard Rectifier Module
MDD142-14N1 IXYS-MDD142-14N1 Datasheet
196Kb / 6P
Standard Rectifier Module
MDD172-14N1 IXYS-MDD172-14N1 Datasheet
197Kb / 6P
Standard Rectifier Module
MDNA65P2200TG IXYS-MDNA65P2200TG Datasheet
272Kb / 5P
Standard Rectifier Module
VUO28-08NO7 IXYS-VUO28-08NO7 Datasheet
182Kb / 5P
Standard Rectifier Module
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com