Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR6045WT Datasheet (PDF) - International Rectifier

MBR6045WT Datasheet PDF - International Rectifier
Part # MBR6045WT
Download  MBR6045WT Download
File Size   56.62 Kbytes
Page   2 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SCHOTTKY RECIFIER

MBR6045WT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR6045WT Datasheet PDF - International Rectifier

Part # MBR6045WT
Download  MBR6045WT Click to download

File Size   56.62 Kbytes
Page   2 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SCHOTTKY RECIFIER

MBR6045WT Datasheet (HTML) - International Rectifier


MBR6045WT Product details

DESCRIPTION
The MBR6045WT center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage. The proprietary barrier technology allows for reliable operation up to 150 °C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection.

FEATURES
• 150 °C TJ operation
• Center tap TO-247 package
• High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
• Very low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long term reliability




Similar Part No. - MBR6045WT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR6045WT MOTOROLA-MBR6045WT Datasheet
73Kb / 4P
SWITCHMODE??Power Rectifier
logo
Micro Commercial Compon...
MBR6045WT MCC-MBR6045WT Datasheet
734Kb / 2P
60 Amp Schottky Barrier Rectifier 45 Volts
logo
Vishay Siliconix
MBR6045WT VISHAY-MBR6045WT Datasheet
116Kb / 6P
Schottky Rectifier, 2 x 30 A
21-Aug-08
logo
ON Semiconductor
MBR6045WT ONSEMI-MBR6045WT Datasheet
126Kb / 3P
SWITCHMODE Power Rectifier
March, 2010 ??Rev. 9
logo
Kersemi Electronic Co.,...
MBR6045WT KERSEMI-MBR6045WT Datasheet
1Mb / 2P
60 Amp Schottky Barrier Rectifier 45 Volts
More results


Similar Description - MBR6045WT

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TRB65 TRSYS-TRB65 Datasheet
303Kb / 6P
RECIFIER DIODE
logo
Dynex Semiconductor
DNB65 DYNEX-DNB65 Datasheet
128Kb / 7P
Recifier Diode
logo
Jinan Jingheng (Group) ...
GF10A JINANJINGHENG-GF10A Datasheet
85Kb / 2P
Surface Mount Glass Passivated Recifier
S1A JINANJINGHENG-S1A Datasheet
64Kb / 2P
Surface Mount Glass Passivated Recifier
logo
SeCoS Halbleitertechnol...
SBL20U120F SECOS-SBL20U120F Datasheet
163Kb / 2P
Voltage 102V 20.0 Amp Low VF Trench MOS Barrier Schottky Recifier
SBL30U100 SECOS-SBL30U100 Datasheet
152Kb / 2P
Voltage 100v 30.0 Amp Low VF Trench MOS Barrier Schottky Recifier
SBL30U150F SECOS-SBL30U150F Datasheet
160Kb / 2P
Voltage 150V 30.0 Amp Low VF Trench MOS Barrier Schottky Recifier
logo
Microsemi Corporation
SBR12040R MICROSEMI-SBR12040R Datasheet
135Kb / 2P
120 Amp Schotky Recifier
logo
Nanjing International G...
MBR3020CT DGNJDZ-MBR3020CT Datasheet
117Kb / 2P
SCHOTTKY BARRIER RECIFIER
logo
RFE international
MUR2020FCT RFE-MUR2020FCT Datasheet
2Mb / 4P
Ultra-Fast Recovery Recifier Diodes Ultra-Fast Recovery Recifier Diodes
28-10-2020
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com