Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSC2N100U60 Datasheet (PDF) - MagnaChip Semiconductor.

MPSC2N100U60 Datasheet PDF - MagnaChip Semiconductor.
Part # MPSC2N100U60
Download  MPSC2N100U60 Download
File Size   643.8 Kbytes
Page   5 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description 600V FRD Module

MPSC2N100U60 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPSC2N100U60 Datasheet PDF - MagnaChip Semiconductor.

Part # MPSC2N100U60
Download  MPSC2N100U60 Click to download

File Size   643.8 Kbytes
Page   5 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description 600V FRD Module

MPSC2N100U60 Datasheet (HTML) - MagnaChip Semiconductor.




Similar Part No. - MPSC2N100U60

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MPSC2N100U120 MGCHIP-MPSC2N100U120 Datasheet
641Kb / 5P
1200V FRD Module
MPSC2N100U40 MGCHIP-MPSC2N100U40 Datasheet
647Kb / 5P
400V FRD Module
More results


Similar Description - MPSC2N100U60

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PH270F6 NIEC-PH270F6 Datasheet
30Kb / 2P
FRD MODULE 270A/600V/trr:170nsec
P2H30F6 NIEC-P2H30F6 Datasheet
154Kb / 3P
FRD MODULE 30A/600V
P2H60F6 NIEC-P2H60F6 Datasheet
154Kb / 3P
FRD MODULE 60A/600V
PC50F6 NIEC-PC50F6 Datasheet
29Kb / 2P
FRD MODULE 50A/600V/trr:100nsec
logo
MagnaChip Semiconductor...
MPKC2SB MGCHIP-MPKC2SB Datasheet
654Kb / 5P
600V FRD Module
MPGB1N300U60 MGCHIP-MPGB1N300U60 Datasheet
635Kb / 5P
600V FRD Module
MPJC2CA100U60 MGCHIP-MPJC2CA100U60 Datasheet
601Kb / 5P
600V FRD Module
MPJC2CA150U60 MGCHIP-MPJC2CA150U60 Datasheet
610Kb / 5P
600V FRD Module
MPKB2CA MGCHIP-MPKB2CA Datasheet
648Kb / 5P
600V FRD Module
MPKB2CA150U60 MGCHIP-MPKB2CA150U60 Datasheet
629Kb / 5P
600V FRD Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com