Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE68135 Datasheet (PDF) - NEC

NE68135 Datasheet PDF - NEC
Part # NE68135
Download  NE68135 Download
File Size   26.67 Kbytes
Page   1 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NONLINEAR MODEL

NE68135 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE68135 Datasheet PDF - NEC

Part # NE68135
Download  NE68135 Click to download

File Size   26.67 Kbytes
Page   1 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NONLINEAR MODEL

NE68135 Datasheet (HTML) - NEC


NE68135 Product details

DESCRIPTION
NECs NE681 series of NPN epitaxial silicon transistors are designed for low noise, high gain, low cost amplifier applications. Both the chip and micro-x versions are suitable for amplifier applications up to 4 GHz. The NE681 die is also available in six different low cost plastic surface mount package styles. NE681s unique device characteristics allow you to use a single matching point to simultaneously achieve both low noise and high gain.

FEATURES
• HIGH GAIN BANDWIDTH PRODUCT: fT = 8 GHz
• LOW NOISE FIGURE:
    1.2 dB at 1 GHz
    1.6 dB at 2 GHz
• HIGH ASSOCIATED GAIN:
    15 dB at 1 GHz
    12 dB at 2 GHz
• LOW COST




Similar Part No. - NE68135

ManufacturerPart #DatasheetDescription
logo
NEC
NE68135 NEC-NE68135 Datasheet
218Kb / 20P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE68135 CEL-NE68135 Datasheet
663Kb / 21P
NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Similar Description - NE68135

ManufacturerPart #DatasheetDescription
logo
NEC
NESG2030M04 NEC-NESG2030M04 Datasheet
13Kb / 1P
NONLINEAR MODEL
NE68800 NEC-NE68800 Datasheet
28Kb / 1P
NONLINEAR MODEL
logo
California Eastern Labs
NE85639 CEL-NE85639 Datasheet
37Kb / 1P
NONLINEAR MODEL
NE85633 CEL-NE85633 Datasheet
30Kb / 1P
NONLINEAR MODEL
NE85619 CEL-NE85619 Datasheet
30Kb / 1P
NONLINEAR MODEL
NE68130 CEL-NE68130 Datasheet
30Kb / 1P
NONLINEAR MODEL
NE68119 CEL-NE68119 Datasheet
46Kb / 1P
NONLINEAR MODEL
NE68030 CEL-NE68030 Datasheet
30Kb / 1P
NONLINEAR MODEL
NE68019 CEL-NE68019 Datasheet
70Kb / 1P
NONLINEAR MODEL
UPA801T_V1 CEL-UPA801T_V1 Datasheet
19Kb / 2P
NONLINEAR MODEL
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com