Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIN1001 Datasheet (PDF) - ON Semiconductor

FIN1001 Datasheet PDF - ON Semiconductor
Part # FIN1001
Download  FIN1001 Download
File Size   737.79 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.3V LVDS 1-Bit High-Speed Differential Driver

FIN1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
FIN1001 Datasheet PDF - ON Semiconductor

Part # FIN1001
Download  FIN1001 Click to download

File Size   737.79 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.3V LVDS 1-Bit High-Speed Differential Driver

FIN1001 Datasheet (HTML) - ON Semiconductor


FIN1001 Product details

Description
This single driver is designed for high-speed interconnects utilizing Low Voltage Differential Signaling (LVDS) technology. The driver translates LVTTL levels to LVDS levels with a typical differential output swing of 350 mV which provides low EMI at ultra low power dissipation even at high frequencies. This device is ideal for high-speed transfer of clock or data. The FIN1001 can be paired with its companion receiver, the FIN1002, or with any other LVDS receiver.
   
Features
■ Greater than 600 Mbs Data Rate
■ 3.3 V Power Supply Operation
■ 0.5 ns Maximum Pulse Skew
■ 1.5 ns Maximum Propagation Delay
■ Low Power Dissipation
■ Power-Off Protection
■ Meets or exceeds TIA/EIA-644 LVDS Standard
■ Flow-through pin-out simplifies PCB Layout
■ 5-Lead SOT23 package saves Space
   




Similar Part No. - FIN1001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1001 FAIRCHILD-FIN1001 Datasheet
618Kb / 7P
3.3V LVDS 1-Bit High Speed Differential Driver
FIN1001 FAIRCHILD-FIN1001 Datasheet
616Kb / 7P
3.3V LVDS 1-Bit High Speed Differential Driver
FIN1001M5 FAIRCHILD-FIN1001M5 Datasheet
618Kb / 7P
3.3V LVDS 1-Bit High Speed Differential Driver
FIN1001M5 FAIRCHILD-FIN1001M5 Datasheet
616Kb / 7P
3.3V LVDS 1-Bit High Speed Differential Driver
FIN1001M5X FAIRCHILD-FIN1001M5X Datasheet
618Kb / 7P
3.3V LVDS 1-Bit High Speed Differential Driver
More results


Similar Description - FIN1001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1001 FAIRCHILD-FIN1001 Datasheet
618Kb / 7P
3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017 FAIRCHILD-FIN1017 Datasheet
622Kb / 8P
3.3V LVDS 1-Bit High Speed Differential Driver
FIN1025 FAIRCHILD-FIN1025 Datasheet
264Kb / 7P
3.3V LVDS 2-Bit High Speed Differential Driver
FIN1027 FAIRCHILD-FIN1027 Datasheet
946Kb / 12P
3.3V LVDS 2-Bit High Speed Differential Driver
FIN1031 FAIRCHILD-FIN1031 Datasheet
203Kb / 6P
3.3V LVDS 4-Bit High Speed Differential Driver
FIN1001 FAIRCHILD-FIN1001_04 Datasheet
616Kb / 7P
3.3V LVDS 1-Bit High Speed Differential Driver
FIN1027 FAIRCHILD-FIN1027_09 Datasheet
700Kb / 11P
3.3V LVDS, 2-Bit, High-Speed, Differential Driver
logo
ON Semiconductor
FIN1017 ONSEMI-FIN1017 Datasheet
791Kb / 13P
3.3V LVDS, 1-Bit, High-Speed Differential Driver
May 2010 Rev. 1.0.3
FIN1027A ONSEMI-FIN1027A Datasheet
752Kb / 13P
3.3V LVDS, 2-Bit, High-Speed, Differential Driver
April 2009 Rev. 1.0.3
FIN1031 ONSEMI-FIN1031 Datasheet
305Kb / 8P
3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com