Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-3002KWM Datasheet (PDF) - Allegro MicroSystems

SI-3002KWM Datasheet PDF - Allegro MicroSystems
Part # SI-3002KWM
Download  SI-3002KWM Download
File Size   368.54 Kbytes
Page   9 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator

SI-3002KWM Datasheet (PDF)

Go To PDF Page Download Datasheet
SI-3002KWM Datasheet PDF - Allegro MicroSystems

Part # SI-3002KWM
Download  SI-3002KWM Click to download

File Size   368.54 Kbytes
Page   9 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator

SI-3002KWM Datasheet (HTML) - Allegro MicroSystems


SI-3002KWM Product details

FEATURES
■ 1 A Output Current per Channel
■ 0.6 V Maximum Dropout Voltage at IO = 1 A
■ Fast Transient Response
■ 1.5 mA Maximum Standby Current
■ Foldback Current Limiting
■ Ground Tab for Superior Heat Dissipation
■ Thermal Protection




Similar Part No. - SI-3002KWM

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3002KWM SANKEN-SI-3002KWM Datasheet
433Kb / 2P
2-Output Surface-Mount Low Dropout Voltage Linear Regulator ICs
More results


Similar Description - SI-3002KWM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48018F TOSHIBA-TA48018F Datasheet
265Kb / 12P
1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
Allegro MicroSystems
SI-3002KWD ALLEGRO-SI-3002KWD Datasheet
440Kb / 9P
1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3025KM ALLEGRO-SI-3025KM Datasheet
331Kb / 9P
1 A, Low-Dropout, 2.5 V Regulator
logo
Sanken electric
SI-3003KWM SANKEN-SI-3003KWM Datasheet
369Kb / 9P
1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator
logo
Allegro MicroSystems
SI-3002KWF ALLEGRO-SI-3002KWF Datasheet
261Kb / 6P
1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3006KWM ALLEGRO-SI-3006KWM Datasheet
369Kb / 9P
1 A, Low-Dropout, Dual Output, 1.8 V & 3.3 V Regulator
SI-3033KM ALLEGRO-SI-3033KM Datasheet
330Kb / 9P
1 A, Low-Dropout, 3.3 V Regulator
SI-3010LLSL ALLEGRO-SI-3010LLSL Datasheet
1Mb / 9P
1.5 A, Ultra-Low-Dropout, 1~3.3 V Regulator
logo
Toshiba Semiconductor
TA48018F TOSHIBA-TA48018F_06 Datasheet
298Kb / 12P
1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
Texas Instruments
LM3940 TI-LM3940_15 Datasheet
1Mb / 24P
LM3940 1-A Low-Dropout Regulator for 5-V to 3.3-V Conversion
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com