Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0801589 Datasheet (PDF) - PHOENIX CONTACT

0801589 Datasheet PDF - PHOENIX CONTACT
Part # 0801589
Download  0801589 Download
File Size   55.83 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Marker for end clamp, can be ordered: by sheet, white, labeled according to customer specifications, mounting type: snapped into marker carrier, lettering field size: 30 x 5 mm

0801589 Datasheet (PDF)

Go To PDF Page Download Datasheet
0801589 Datasheet PDF - PHOENIX CONTACT

Part # 0801589
Download  0801589 Click to download

File Size   55.83 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Marker for end clamp, can be ordered: by sheet, white, labeled according to customer specifications, mounting type: snapped into marker carrier, lettering field size: 30 x 5 mm

0801589 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 0801589

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801580 PHOENIX-0801580 Datasheet
181Kb / 5P
UCT-EM (20X7) CUS - Snap-in markers
0801581 PHOENIX-0801581 Datasheet
187Kb / 5P
UCT-EM (20X7) TQ CUS - Snap-in markers
0801582 PHOENIX-0801582 Datasheet
182Kb / 5P
UCT-EM (17,5X8) CUS - Snap-in markers
0801583 PHOENIX-0801583 Datasheet
180Kb / 5P
UCT-EM (5X10) CUS - Snap-in markers
0801585 PHOENIX-0801585 Datasheet
181Kb / 5P
UCT-EM (10X7) CUS - Snap-in markers
More results


Similar Description - 0801589

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
10500170011 PHOENIX-10500170011 Datasheet
82Kb / 3P
Zack marker strip, 10-section, horizontally labeled with the consecutive numbers: 11 - 20, white, Width: 5 mm
0803871 PHOENIX-0803871 Datasheet
52Kb / 2P
Label, for marking fire detection systems, Card, blue/white, unlabeled, can be labeled with: THERMOMARK PRIME, THERMOMARK CARD, BLUEMARK ID, BLUEMARK ID COLOR, mounting type: adhesive, diameter: 50 mm, lettering field size: d: 50 mm
0827283 PHOENIX-0827283 Datasheet
52Kb / 2P
Marker carriers, transparent, unlabeled, mounting type: slide on, cable diameter range: 2.5 - 5 mm, lettering field size: 15 x 4.2 mm
0830048 PHOENIX-0830048 Datasheet
51Kb / 3P
All US-EMP ... device markers can also be supplied labeled according to customer requirements
0830677 PHOENIX-0830677 Datasheet
57Kb / 3P
Cable marker label, Roll, white, unlabeled, can be labeled with: THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK ROLLMASTER 300/600, THERMOMARK X1.2, THERMOMARK S1.1, mounting type: adhesive, cable diameter: ??6 mm, lettering field size: 13 x 13 mm
0830678 PHOENIX-0830678 Datasheet
57Kb / 3P
Cable marker label, Roll, white, unlabeled, can be labeled with: THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK ROLLMASTER 300/600, THERMOMARK X1.2, THERMOMARK S1.1, mounting type: adhesive, cable diameter: ??14 mm, lettering field size: 25 x 19 mm
0822495 PHOENIX-0822495 Datasheet
53Kb / 3P
Conductor marker carrier - PATO 1/30
09/11/2020
1014049 PHOENIX-1014049 Datasheet
54Kb / 3P
Conductor marker carrier - PATG HF 1/30
09/11/2020
logo
Weidmuller
0473460501 WEIDMULLER-0473460501 Datasheet
503Kb / 5P
Dekafix, Terminal marker, 5 x 5 mm, Pitch in mm P): 5.00 Weidmueller, white
September 13, 2021
logo
BusBoard Prototype Syst...
SB4 BUSBOARD-SB4 Datasheet
1Mb / 3P
Scored PC BreadBoard can be snapped into four smaller Solderable Boards
Rev 1.00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com