Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2891933 Datasheet (PDF) - PHOENIX CONTACT

2891933 Datasheet PDF - PHOENIX CONTACT
Part # 2891933
Download  2891933 Download
File Size   68.53 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description 16 ports in narrow metal housing with redundant input voltage

2891933 Datasheet (PDF)

Go To PDF Page Download Datasheet
2891933 Datasheet PDF - PHOENIX CONTACT

Part # 2891933
Download  2891933 Click to download

File Size   68.53 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description 16 ports in narrow metal housing with redundant input voltage

2891933 Datasheet (HTML) - PHOENIX CONTACT


2891933 Product details

Description
The FL SWITCH SFN(T)…16(15)(14)TX… range of Factory Line switches can be used for quick and cost-effective Ethernet network expansion to the field level. These unmanaged switches provide simple, robust networking in an industrial environment. Due to the narrow housing design, the switches are suitable for use in control cabinets and junction boxes.

Features and Benefits
– -40 to 75°C operating range for SFNT switches
– 0 to 60°C operating range for SFN switches
– Auto-negotiation and autocross simplify cabling
– Couple copper network segments with different bit rates with automatic detection of the data transmission speed of 10 or 100 Mbps
– Individual LEDs at each port indicate communication activity and data rate
– Redundant power supply capable with local (LED) and remote (dry contact) alarms to indicate failure of one or both power supplies
– Available fiber optic options for extended distance and electrical noise immunity
– Fiber optic ports available in SC formats




Similar Part No. - 2891933

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2891934 PHOENIX-2891934 Datasheet
71Kb / 4P
Auto negotiation and autocrossing detection simplifies installation and setup
2891935 PHOENIX-2891935 Datasheet
71Kb / 4P
Local diagnostic indicators with LEDs
More results


Similar Description - 2891933

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B16-CUSTOM AD-3B16-CUSTOM Datasheet
350Kb / 8P
Narrow Bandwidth Strain Gage Input
logo
List of Unclassifed Man...
MPC9894 ETC-MPC9894 Datasheet
367Kb / 28P
Quad Input Redundant IDCS Clock Generator
logo
Emerson Network Power
TQN20A EMERSON-NETWORKPOWER-TQN20A Datasheet
107Kb / 4P
Quarter-brick narrow input IBC
logo
Analog Devices
3B16 AD-3B16_15 Datasheet
358Kb / 8P
Narrow Bandwidth Strain Gage Input
REV. 0
logo
Artesyn Technologies
TQN20A48S12J ARTESYN-TQN20A48S12J Datasheet
112Kb / 4P
Narrow Input IBC
logo
Level One
WAP-6015 LVL1-WAP-6015 Datasheet
552Kb / 4P
Metal Housing
logo
PHOENIX CONTACT
2764797 PHOENIX-2764797 Datasheet
166Kb / 5P
Housing base, with metal foot catch
2764894 PHOENIX-2764894 Datasheet
79Kb / 4P
Housing base, with metal foot catch
2319029 PHOENIX-2319029 Datasheet
69Kb / 12P
16-channel digital input module with spring-cage connection and redundant voltage supply. Suitable for Yokogawa SDV 144 card.
logo
Advantech Co., Ltd.
EKI-7720G-4FPI ADVANTECH-EKI-7720G-4FPI Datasheet
573Kb / 2P
16GE PoE 4G SFP Ports Managed Redundant Industrial PoE Switch
17-Jun-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com