Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MVAM108 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

MVAM108 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # MVAM108
Download  MVAM108 Download
File Size   91.67 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SILICON TUNING DIODES

MVAM108 Datasheet (PDF)

Go To PDF Page Download Datasheet
MVAM108 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # MVAM108
Download  MVAM108 Click to download

File Size   91.67 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SILICON TUNING DIODES

MVAM108 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


MVAM108 Product details

SILICON TUNING DIODES

... designed for electronic tuning of AM receivers and high capacitance, high tuning ratio applications.

• High Capacitance Ratio — CR = 15(Min).
   MVAM108, 115, 125
• Guaranteed Diode Capacitance —Ct - 440 pF(Min)—
   560 pF (MnxVR - 1.0 VDc, f = 1.0MHz, MVAIVI108, MVAM115,
   MVAM125
• Guaranteed Figure of Merit—
   Q = 150 (Min) @ VR = 1.0 Vdc, f = 1.0MHz




Similar Part No. - MVAM108

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MVAM108 ASI-MVAM108 Datasheet
23Kb / 1P
SILICON VARACTOR DIODE
More results


Similar Description - MVAM108

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BB833 INFINEON-BB833 Datasheet
407Kb / 3P
Silicon Tuning Diodes
Nov-07-2002
BBY52 INFINEON-BBY52 Datasheet
390Kb / 3P
Silicon Tuning Diodes
Oct-24-2002
BBY55 INFINEON-BBY55 Datasheet
411Kb / 3P
Silicon Tuning Diodes
Nov-14-2002
BBY66 INFINEON-BBY66 Datasheet
391Kb / 3P
Silicon Tuning Diodes
Nov-14-2002
logo
ON Semiconductor
MMBV2101LT1 ONSEMI-MMBV2101LT1 Datasheet
70Kb / 5P
Silicon Tuning Diodes
January, 2006 ??Rev. 4
logo
Infineon Technologies A...
BB833 INFINEON-BB833_07 Datasheet
54Kb / 5P
Silicon Tuning Diodes
2007-04-20
BBY52 INFINEON-BBY52_07 Datasheet
69Kb / 7P
Silicon Tuning Diodes
2007-04-20
BBY55 INFINEON-BBY55_07 Datasheet
88Kb / 8P
Silicon Tuning Diodes
2007-05-25
BBY58 INFINEON-BBY58_07 Datasheet
114Kb / 10P
Silicon Tuning Diodes
2007-09-19
BBY66 INFINEON-BBY66_07 Datasheet
92Kb / 8P
Silicon Tuning Diodes
2007-04-20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com