Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP6N60 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

MTP6N60 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # MTP6N60
Download  MTP6N60 Download
File Size   119.97 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description N-Channel Mosfet Transistor

MTP6N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
MTP6N60 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # MTP6N60
Download  MTP6N60 Click to download

File Size   119.97 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description N-Channel Mosfet Transistor

MTP6N60 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


MTP6N60 Product details

DESCRITION
• Designed for high efficiency switch mode power supply.

FEATURES
• Drain Current -ID= 6A@ TC=25°C
• Drain Source Voltage-
   : VDSS= 600V(Min)
• Static Drain-Source On-Resistance
   : RDS(on)= 1.2Ω (Max)
• Avalanche Energy Specified
• Fast Switching
• Simple Drive Requirements




Similar Part No. - MTP6N60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MTP6N60 STMICROELECTRONICS-MTP6N60 Datasheet
153Kb / 9P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
logo
Inchange Semiconductor ...
MTP6N60 ISC-MTP6N60 Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
logo
Motorola, Inc
MTP6N60E MOTOROLA-MTP6N60E Datasheet
156Kb / 8P
TMOS POWER FET 6.0 AMPERES 600 VOLTS RDS(on) = 1.2 OHMS
logo
ON Semiconductor
MTP6N60E ONSEMI-MTP6N60E Datasheet
177Kb / 8P
Power Field Effect Transistor
May, 2013 ??Rev. 7
logo
Inchange Semiconductor ...
MTP6N60E ISC-MTP6N60E Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - MTP6N60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD025N06N ISC-IPD025N06N Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD040N03L ISC-IPD040N03L Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
IPD50R399CP ISC-IPD50R399CP Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD50R800CE ISC-IPD50R800CE Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD088N06N3 ISC-IPD088N06N3 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
IPD090N03L ISC-IPD090N03L Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPP039N04L ISC-IPP039N04L Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IPP070N08N3 ISC-IPP070N08N3 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRF3256 ISC-IRF3256 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRL1404 ISC-IRL1404 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com