Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA2267 Datasheet (PDF) - ON Semiconductor

FSA2267 Datasheet PDF - ON Semiconductor
Part # FSA2267
Download  FSA2267 Download
File Size   738.92 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage Dual-SPDT Analog Switch

FSA2267 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSA2267 Datasheet PDF - ON Semiconductor

Part # FSA2267
Download  FSA2267 Click to download

File Size   738.92 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage Dual-SPDT Analog Switch

FSA2267 Datasheet (HTML) - ON Semiconductor


FSA2267 Product details

Description
The FSA2267 and FSA2267A are Dual Single Pole Double Throw (SPDT) analog switches. The FSA2267 operates from a single 1.65V to 3.6V supply, while the FSA2267A operates from a single 2.3V to 4.3V supply. Each features an ultra-low On Resistance of 0.35 at a +2.7V supply and 25°C. Both devices are fabricated with sub-micron CMOS technology to achieve fast switching speeds and designed for break-before-make operation.

Features
• Typical 0.35Ω On Resistance (RON) for +2.7V Supply
• FSA2267A Features <10µA ICCT Current when S Input is Lower than VCC
• RON Fatness for +2.7V Supply: 0.25Ω Maximum
• 1.6mm x 2.1mm 10-Lead MicroPak™ Package
• Broad VCC Operating Range
• Low THD (0.02% Typical for 32ΩLoad)
• High Current Handling Capability (350mA Continuous Current <3.3V Supply)

Applications
• Cell phone
• PDA
• Portable Media Player




Similar Part No. - FSA2267

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2267 FAIRCHILD-FSA2267 Datasheet
1Mb / 15P
0.35 ohm Low Voltage Dual-SPDT Analog Switch
FSA2267 FAIRCHILD-FSA2267 Datasheet
1Mb / 16P
0.35廓 Low-Voltage Dual-SPDT Analog Switch
FSA2267A FAIRCHILD-FSA2267A Datasheet
1Mb / 15P
0.35 ohm Low Voltage Dual-SPDT Analog Switch
FSA2267A FAIRCHILD-FSA2267A Datasheet
1Mb / 16P
0.35廓 Low-Voltage Dual-SPDT Analog Switch
FSA2267AL10X FAIRCHILD-FSA2267AL10X Datasheet
1Mb / 15P
0.35 ohm Low Voltage Dual-SPDT Analog Switch
More results


Similar Description - FSA2267

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2467 FAIRCHILD-FSA2467 Datasheet
397Kb / 11P
0.4W Low Voltage Dual SPDT Analog Switch
FSA2267 FAIRCHILD-FSA2267_12 Datasheet
668Kb / 14P
0.35??Low-Voltage Dual-SPDT Analog Switch
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258 Datasheet
434Kb / 10P
Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257 Datasheet
406Kb / 10P
Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257_16 Datasheet
368Kb / 10P
Low-Voltage Dual SPDT Analog Switch
UM3258 UNIONSEMI-UM3258_16 Datasheet
370Kb / 10P
Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750_15 Datasheet
112Kb / 8P
Low Voltage Dual SPDT Analog Switch
April, 2015 ??Rev. 3
FSA2258 ONSEMI-FSA2258 Datasheet
645Kb / 12P
Low-Voltage, Dual-SPDT Analog Switch
February 2012 Rev. 1.0.5
FSA2259 ONSEMI-FSA2259 Datasheet
205Kb / 11P
Low-Voltage,Dual-SPDT Analog Switch
October-2017, Rev. 2
FSA2269 ONSEMI-FSA2269 Datasheet
779Kb / 16P
Low-Voltage Dual-SPDT Analog Switch
July 2013 Rev. 1.1.5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com