Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA2268 Datasheet (PDF) - ON Semiconductor

FSA2268 Datasheet PDF - ON Semiconductor
Part # FSA2268
Download  FSA2268 Download
File Size   937.79 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage Dual-SPDT Analog Switch with 16kV ESD

FSA2268 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSA2268 Datasheet PDF - ON Semiconductor

Part # FSA2268
Download  FSA2268 Click to download

File Size   937.79 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage Dual-SPDT Analog Switch with 16kV ESD

FSA2268 Datasheet (HTML) - ON Semiconductor


FSA2268 Product details

Description
The FSA2268 is a high-performance, dual Single Pole Double Throw (SPDT) analog switch that features ultra-low RON of 0.4 (typical) at 3.0V VCC. The FSA2268 operates over a wide VCC range of 1.65V to 4.3V and is designed for break-before-make operation. The select input is TTL-level compatible.

Features
■ 0.4Ω Typical On Resistance (RON) for +3.0V Supply
■ 0.25Ω Maximum RON Flatness for +3.0V Supply
■ -3db Bandwidth: > 50MHz
■ Low ICCT Current Over an Expanded Control Input Range
■ Packaged in Pb-free 10-Lead µMLP (1.4 x 1.8mm)
■ Power-Off Protection on Common Ports
■ Broad VCC Operating Range: 1.65 to 4.3V
■ HBM JEDEC: JESD22-A114
    - I/O to GND: 13.5kV
    - Power to GND: 16.0kV
■ Noise Immunity Termination Resistors in FSA2268T

Applications
■ Cell Phone, PDA, Digital Camera, and Notebook
■ LCD Monitor, TV, and Set-Top Box




Similar Part No. - FSA2268

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2268 FAIRCHILD-FSA2268 Datasheet
89Kb / 2P
Low-Voltage Dual-SPDT (0.4OHM) Analog Switch with 16kV ESD
FSA2268 FAIRCHILD-FSA2268 Datasheet
95Kb / 2P
Low-Voltage Dual-SPDT (0.4廓) Analog Switch with 16kV ESD
FSA2268 FAIRCHILD-FSA2268 Datasheet
728Kb / 2P
Low-Voltage Dual-SPDT (0.4廓) Analog Switch with 16kV ESD
FSA2268L10X FAIRCHILD-FSA2268L10X Datasheet
728Kb / 2P
Low-Voltage Dual-SPDT (0.4廓) Analog Switch with 16kV ESD
FSA2268L10X FAIRCHILD-FSA2268L10X Datasheet
715Kb / 12P
Low-Voltage Dual-SPDT(0.4?? Analog Switch with 16kV ESD
More results


Similar Description - FSA2268

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2268 FAIRCHILD-FSA2268 Datasheet
89Kb / 2P
Low-Voltage Dual-SPDT (0.4OHM) Analog Switch with 16kV ESD
FSA2268_0703 FAIRCHILD-FSA2268_0703 Datasheet
95Kb / 2P
Low-Voltage Dual-SPDT (0.4廓) Analog Switch with 16kV ESD
FSA2268 FAIRCHILD-FSA2268_08 Datasheet
728Kb / 2P
Low-Voltage Dual-SPDT (0.4廓) Analog Switch with 16kV ESD
FSA2258 FAIRCHILD-FSA2258 Datasheet
849Kb / 10P
Low-Voltage, Dual-SPDT (0.8廓) Analog Switch with 16kV ESD
FSA2259 FAIRCHILD-FSA2259 Datasheet
543Kb / 10P
Low-Voltage, Dual-SPDT (0.8廓) Analog Switch with 16kV ESD
FSA2258 FAIRCHILD-FSA2258_12 Datasheet
696Kb / 10P
Low-Voltage, Dual-SPDT (0.8?? Analog Switch with 16kV ESD
FSA2268 FAIRCHILD-FSA2268_12 Datasheet
715Kb / 12P
Low-Voltage Dual-SPDT(0.4?? Analog Switch with 16kV ESD
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258 Datasheet
434Kb / 10P
Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257 Datasheet
406Kb / 10P
Low-Voltage Dual SPDT Analog Switch
UM3258 UNIONSEMI-UM3258_16 Datasheet
370Kb / 10P
Low-Voltage Dual SPDT Analog Switch
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com