Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDX33 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

BDX33 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # BDX33
Download  BDX33 Download
File Size   166.76 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description DARLINGTON COPLEMENTARY SILICON POWER TRANSISTORS

BDX33 Datasheet (PDF)

Go To PDF Page Download Datasheet
BDX33 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # BDX33
Download  BDX33 Click to download

File Size   166.76 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description DARLINGTON COPLEMENTARY SILICON POWER TRANSISTORS

BDX33 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


BDX33 Product details

DARLINGTON COPLEMENTARY SILICON POWER TRANSISTORS

..designed for general-purpose amplifier and low speed switching application*

FEATURES:
* Collector-Emitter Sustaining Voltage
   VCEO(sus) = 45 V (Min) -  BDX33.   BUX34
                      = 60 V(Min)-    BDX33A. BDX34A
                      = 80V (Min)-    BDX33B. BDX34B
                      = 100 V(Mln) - BDX33C. BOX34C
* Monolithic Construction wtth Built-in Base-Emitter Shunt Resistor




Similar Part No. - BDX33

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDX33 MOSPEC-BDX33 Datasheet
92Kb / 2P
POWER TRANSISTORS(10A,70W)
logo
Power Innovations Ltd
BDX33 POINN-BDX33 Datasheet
128Kb / 7P
NPN SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
BDX33 FAIRCHILD-BDX33 Datasheet
39Kb / 5P
Power Linear and Switching Applications
logo
Bourns Electronic Solut...
BDX33 BOURNS-BDX33 Datasheet
112Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
TRANSYS Electronics Lim...
BDX33 TEL-BDX33 Datasheet
100Kb / 3P
NPN/PNP PLASTIC POWER TRANSISTORS
More results


Similar Description - BDX33

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6282 BOCA-2N6282 Datasheet
218Kb / 4P
DARLINGTON COPLEMENTARY SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
BD684 ETC-BD684 Datasheet
192Kb / 3P
SILICON DARLINGTON POWER TRANSISTORS
logo
NXP Semiconductors
BDT64 PHILIPS-BDT64 Datasheet
487Kb / 15P
SILICON DARLINGTON POWER TRANSISTORS
August 1988
logo
ON Semiconductor
2N6667 ONSEMI-2N6667_07 Datasheet
102Kb / 6P
Darlington Silicon Power Transistors
November, 2007 - Rev. 6
logo
Comset Semiconductor
BDT63 COMSET-BDT63 Datasheet
111Kb / 5P
SILICON DARLINGTON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
TIP125 NJSEMI-TIP125 Datasheet
100Kb / 2P
PLASTIC MEDIUM-POWER COPLEMENTARY SILICON TRANSISTORS
TIP115 NJSEMI-TIP115 Datasheet
99Kb / 2P
PLASTIC MEDIUM-POWER COPLEMENTARY SILICON TRANSISTORS
TIP100 NJSEMI-TIP100 Datasheet
97Kb / 2P
PLASTIC MEDIUM-POWER COPLEMENTARY SILICON TRANSISTORS
BDX54 NJSEMI-BDX54 Datasheet
93Kb / 2P
DARLINGTON COPLEMENTARY SILICON POWER TRANSISTORS
BDX53 NJSEMI-BDX53 Datasheet
93Kb / 2P
DARLINGTON COPLEMENTARY SILICON POWER TRANSISTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com