Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1422348 Datasheet (PDF) - PHOENIX CONTACT

1422348 Datasheet PDF - PHOENIX CONTACT
Part # 1422348
Download  1422348 Download
File Size   76.87 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Cable feed-through plates, no. of conductors: 25, length: 222 mm, width: 92 mm, height: 14 mm, external cable diameter: 4x 5 mm ... 7 mm , color: gray

1422348 Datasheet (PDF)

Go To PDF Page Download Datasheet
1422348 Datasheet PDF - PHOENIX CONTACT

Part # 1422348
Download  1422348 Click to download

File Size   76.87 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Cable feed-through plates, no. of conductors: 25, length: 222 mm, width: 92 mm, height: 14 mm, external cable diameter: 4x 5 mm ... 7 mm , color: gray

1422348 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 1422348

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1422349 PHOENIX-1422349 Datasheet
78Kb / 3P
Oil-resistant according to UL 157
More results


Similar Description - 1422348

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3030514 PHOENIX-3030514 Datasheet
64Kb / 2P
End cover, Length: 72 mm, Width: 2.2 mm, Height: 36.5 mm, Color: gray
1422350 PHOENIX-1422350 Datasheet
88Kb / 3P
Cable feed-through plates, no. of conductors: 35, length: 222 mm, width: 92 mm, height: 17.6 mm, external cable diameter: 2x 6 mm ... 10 mm , color: gray
3072821 PHOENIX-3072821 Datasheet
53Kb / 2P
Separating plate, length: 105.2 mm, width: 1 mm, height: 67.5 mm, color: gray
2202582 PHOENIX-2202582 Datasheet
56Kb / 2P
Component housing, length: 111.9 mm, Cover, color: light gray, width: 20.94 mm, height: 16.3 mm
2202622 PHOENIX-2202622 Datasheet
54Kb / 2P
Component housing, length: 111.9 mm, Cover, color: light gray, width: 20.94 mm, height: 16.3 mm
2202630 PHOENIX-2202630 Datasheet
54Kb / 2P
Component housing, length: 109.8 mm, Cover, color: light gray, width: 18.9 mm, height: 12.2 mm
2202634 PHOENIX-2202634 Datasheet
54Kb / 2P
Component housing, length: 87.8 mm, Cover, color: light gray, width: 18.9 mm, height: 12.2 mm
2202662 PHOENIX-2202662 Datasheet
54Kb / 2P
Component housing, length: 109.8 mm, Cover, color: light gray, width: 56.88 mm, height: 12.2 mm
2202665 PHOENIX-2202665 Datasheet
54Kb / 2P
Component housing, length: 109.8 mm, Cover, color: light gray, width: 37.89 mm, height: 12.2 mm
3212203 PHOENIX-3212203 Datasheet
52Kb / 2P
End cover, length: 66.4 mm, width: 2.2 mm, height: 29 mm, color: gray
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com