Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1423646 Datasheet (PDF) - PHOENIX CONTACT

1423646 Datasheet PDF - PHOENIX CONTACT
Part # 1423646
Download  1423646 Download
File Size   60.95 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Crimp contact, contact diameter: 1 mm, turned, Socket, contact material: CuZn, contact surface: Ni/Au, connection cross section: 0.34 mm짼 ... 1 mm짼 AWG 22 ... 18

1423646 Datasheet (PDF)

Go To PDF Page Download Datasheet
1423646 Datasheet PDF - PHOENIX CONTACT

Part # 1423646
Download  1423646 Click to download

File Size   60.95 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Crimp contact, contact diameter: 1 mm, turned, Socket, contact material: CuZn, contact surface: Ni/Au, connection cross section: 0.34 mm짼 ... 1 mm짼 AWG 22 ... 18

1423646 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 1423646

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1423643 PHOENIX-1423643 Datasheet
226Kb / 5P
CC0,6-TS-0,34M AU - Crimp contact
1423645 PHOENIX-1423645 Datasheet
161Kb / 4P
Crimp contact - CC1,0-TS-1,00M AU
More results


Similar Description - 1423646

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-33-000-6222 HARTING-09-33-000-6222 Datasheet
469Kb / 2P
Han E F Crimp Contact Au 0.5 mm짼/ 20 AWG
09-33-000-6221 HARTING-09-33-000-6221 Datasheet
469Kb / 2P
Han E F Crimp Contact Au 4.0 mm짼/ 12 AWG
09-33-000-6218 HARTING-09-33-000-6218 Datasheet
469Kb / 2P
Han E F Crimp Contact Au 1.0 mm짼/ 18 AWG
09-33-000-6216 HARTING-09-33-000-6216 Datasheet
469Kb / 2P
Han E F Crimp Contact Au 1.5 mm짼/ 16 AWG
09-33-000-6205 HARTING-09-33-000-6205 Datasheet
462Kb / 2P
Han E F Crimp Contact Ag 1.0 mm짼/ 18 AWG
09-33-000-6105 HARTING-09-33-000-6105 Datasheet
462Kb / 2P
Han E M Crimp Contact Ag 1.0 mm짼/ 18 AWG
09-33-000-6116 HARTING-09-33-000-6116 Datasheet
467Kb / 2P
Han E M Crimp Contact Au 1.5 mm짼/ 16 AWG
09-33-000-6118 HARTING-09-33-000-6118 Datasheet
467Kb / 2P
Han E M Crimp Contact Au 1.0 mm짼/ 18 AWG
09-33-000-6119 HARTING-09-33-000-6119 Datasheet
467Kb / 2P
Han E M Crimp Contact Au 4.0 mm짼/ 12 AWG
09-33-000-6123 HARTING-09-33-000-6123 Datasheet
467Kb / 2P
Han E M Crimp Contact Au 2.5 mm짼/ 14 AWG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com